Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7989-5 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7989-5
Description  PulSAR ADCs in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7989-5 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7989-5 Datasheet HTML 2Page - Analog Devices AD7989-5 Datasheet HTML 3Page - Analog Devices AD7989-5 Datasheet HTML 4Page - Analog Devices AD7989-5 Datasheet HTML 5Page - Analog Devices AD7989-5 Datasheet HTML 6Page - Analog Devices AD7989-5 Datasheet HTML 7Page - Analog Devices AD7989-5 Datasheet HTML 8Page - Analog Devices AD7989-5 Datasheet HTML 9Page - Analog Devices AD7989-5 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7989-1/AD7989-5
Data Sheet
Rev. B | Page 6 of 24
VDD = 2.37 V to 2.63 V, VIO = 1.71 V to 2.3 V, −40°C to +85°C, unless otherwise stated.1
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
THROUGHPUT RATE
AD7989-1
100
kSPS
AD7989-5
500
kSPS
CONVERSION AND ACQUISTION TIMES
Conversion Time: CNV Rising Edge to Data Available
tCONV
AD7989-1
9500
ns
AD7989-5
1500
ns
Acquisition Time
tACQ
AD7989-1
500
ns
AD7989-5
400
ns
Time Between Conversions
tCYC
AD7989-1
10
μs
AD7989-5
2
μs
CNV PULSE WIDTH (CS MODE)
tCNVH
500
ns
SCK
SCK Period (CS Mode)
tSCK
22
ns
SCK Period (Chain Mode)
tSCK
23
ns
SCK Low Time
tSCKL
6
ns
SCK High Time
tSCKH
6
ns
SCK Falling Edge to Data Remains Valid
tHSDO
3
ns
SCK Falling Edge to Data Valid Delay
tDSDO
14
21
ns
CS MODE
CNV or SDI Low to SDO D17 MSB Valid
tEN
18
40
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance
tDIS
20
ns
SDI Valid Setup Time from CNV Rising Edge
tSSDICNV
5
ns
SDI Valid Hold Time from CNV Rising Edge
tHSDICNV
10
ns
CHAIN MODE
SCK Valid Setup Time from CNV Rising Edge
tSSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge
tHSCKCNV
5
ns
SDI Valid Setup Time from SCK Falling Edge
tSSDISCK
2
ns
SDI Valid Hold Time from SCK Falling Edge
tHSDISCK
3
ns
1 See Figure 2 and Figure 3 for load conditions.
Figure 2. Load Circuit for Digital Interface Timing
Figure 3. Voltage Levels for Timing
500µA
IOL
500µA
IOH
1.4V
TO SDO
CL
20pF
X% VIO1
Y% VIO1
VIH2
VIL2
VIL2
VIH2
tDELAY
tDELAY
1FOR VIO ≤ 3.0V, X = 90 AND Y = 10; FOR VIO > 3.0V, X = 70 AND Y = 30.
2MINIMUM VIH AND MAXIMUM VIL USED. SEE DIGITAL INPUTS
SPECIFICATIONS IN TABLE 3.


Similar Part No. - AD7989-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD7989-5BCPZ-R2 ETC2-AD7989-5BCPZ-R2 Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-5BCPZ-R2 AD-AD7989-5BCPZ-R2 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
List of Unclassifed Man...
AD7989-5BCPZ-RL7 ETC2-AD7989-5BCPZ-RL7 Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-5BCPZ-RL7 AD-AD7989-5BCPZ-RL7 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
List of Unclassifed Man...
AD7989-5BRMZ ETC2-AD7989-5BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
More results

Similar Description - AD7989-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7988-1 AD-AD7988-1_17 Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
AD7988-1_1208 AD-AD7988-1_1208 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com