Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7177-2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7177-2
Description  32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7177-2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7177-2_17 Datasheet HTML 7Page - Analog Devices AD7177-2_17 Datasheet HTML 8Page - Analog Devices AD7177-2_17 Datasheet HTML 9Page - Analog Devices AD7177-2_17 Datasheet HTML 10Page - Analog Devices AD7177-2_17 Datasheet HTML 11Page - Analog Devices AD7177-2_17 Datasheet HTML 12Page - Analog Devices AD7177-2_17 Datasheet HTML 13Page - Analog Devices AD7177-2_17 Datasheet HTML 14Page - Analog Devices AD7177-2_17 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
AD7177-2
Data Sheet
Rev. B | Page 10 of 60
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
12
11
REF–
REF+
REFOUT
AVDD1
AVSS
REGCAPA
AIN4
AVDD2
XTAL1
DIN
DOUT/RDY
XTAL2/CLKIO
20
21
22
23
24
19
18
17
16
15
14
13
AIN2
AIN1
AIN0
REGCAPD
GPIO0
GPIO1
DGND
IOVDD
SCLK
CS
SYNC/ERROR
AIN3
AD7177-2
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions1
Pin No.
Mnemonic
Type2
Description
1
AIN4
AI
Analog Input 4. This pin is electable through the crosspoint multiplexer.
2
REF−
AI
Reference Input Negative Terminal. REF− can span from AVSS to AVDD1 − 1 V.
3
REF+
AI
Reference Input Positive Terminal. An external reference can be applied between REF+ and REF−. REF+
can span from AVSS + 1 V to AVDD1. The device functions with a reference magnitude from 1 V to AVDD1.
4
REFOUT
AO
Buffered Output of Internal Reference. The output is 2.5 V with respect to AVSS.
5
REGCAPA
AO
Analog Low Dropout (LDO) Regulator Output. Decouple this pin to AVSS using a 1 µF and a 0.1 µF
capacitor.
6
AVSS
P
Negative Analog Supply. This supply ranges from −2.75 V to 0 V and is nominally set to 0 V.
7
AVDD1
P
Analog Supply Voltage 1. This voltage is 5 V ± 10% with respect to AVSS. AVDD1 − AVSS can be a single
5 V supply or a ±2.5 V split supply.
8
AVDD2
P
Analog Supply Voltage 2. This voltage ranges from 2 V to 5 V with respect to AVSS.
9
XTAL1
AI
Input 1 for Crystal.
10
XTAL2/CLKIO
AI/DI
Input 2 for Crystal/Clock Input or Output. The functionality of this pin is based on the CLOCKSEL bits in
the ADCMODE register. There are four options available for selecting the MCLK source:
Internal oscillator: no output.
Internal oscillator: output to XTAL2/CLKIO. Operates at IOVDD logic level.
External clock: input to XTAL2/CLKIO. Input must be at IOVDD logic level.
External crystal: connected between XTAL1 and XTAL2/CLKIO.
11
DOUT/RDY
DO
Serial Data Output/Data Ready Output. DOUT/RDY is a dual purpose pin. It functions as a serial data
output pin to access the output shift register of the ADC. The output shift register can contain data
from any of the on-chip data or control registers. The data-word/control word information is placed on
the DOUT/RDY pin on the SCLK falling edge and is valid on the SCLK rising edge. When CS is high, the
DOUT/RDY output is three-stated. When CS is low, DOUT/RDY operates as a data ready pin, going low
to indicate the completion of a conversion. If the data is not read after the conversion, the pin goes
high before the next update occurs. The DOUT/RDY falling edge can be used as an interrupt to a
processor, indicating that valid data is available.
12
DIN
DI
Serial Data Input to the Input Shift Register on the ADC. Data in this shift register is transferred to the
control registers in the ADC, with the register address (RA) bits of the communications register
identifying the appropriate register. Data is clocked in on the rising edge of SCLK.
13
SCLK
DI
Serial Clock Input. This serial clock input is for data transfers to and from the ADC. The SCLK pin has a
Schmitt triggered input, making the interface suitable for opto-isolated applications.
14
CS
DI
Chip Select Input. This pin is an active low logic input used to select the ADC. CS can be used to select
the ADC in systems with more than one device on the serial bus. CS can be hardwired low, allowing the
ADC to operate in 3-wire mode with SCLK, DIN, and DOUT used to interface with the device. When CS
is high, the DOUT/RDY output is three-stated.


Similar Part No. - AD7177-2_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7177-2BRUZ AD-AD7177-2BRUZ Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7177-2BRUZ-RL7 AD-AD7177-2BRUZ-RL7 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
More results

Similar Description - AD7177-2_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
   24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7172-2 AD-AD7172-2 Datasheet
1Mb / 61P
   True rail-to-rail analog and reference input buffers
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com