Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BNC75-LR1-PC Datasheet(PDF) 2 Page - DDK Ltd.

Part # BNC75-LR1-PC
Description  BNC75 Receptacle Connector for Broadcast
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC75-LR1-PC Datasheet(HTML) 2 Page - DDK Ltd.

  BNC75-LR1-PC Datasheet HTML 1Page - DDK Ltd. BNC75-LR1-PC Datasheet HTML 2Page - DDK Ltd. BNC75-LR1-PC Datasheet HTML 3Page - DDK Ltd. BNC75-LR1-PC Datasheet HTML 4Page - DDK Ltd. BNC75-LR1-PC Datasheet HTML 5Page - DDK Ltd. BNC75-LR1-PC Datasheet HTML 6Page - DDK Ltd. BNC75-LR1-PC Datasheet HTML 7Page - DDK Ltd. BNC75-LR1-PC Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit:mm
BNC75 Series for 12G-SDI
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
FEATURES
APPLICATIONS
○ Angle type for PCB (Automatic mounting)
SPECIFICATIONS
OUTLINE
Angle type
Hybrid type
Edge mouting type
<Advantage>
・Ease mouting
<Disadvantage>
・Tendency of poor high
frequency characteristics
・High complexity and high
cost
<Advantage>
・Good characteristics
・Easy structure and low cost
<Disadvantage>
・No positioning mouting
part
Automatic
Through hole
PCB
Mounting part
PCB
Ensure adequate
solder area!
This protrusions improve the positional accuracy!
Adsorption surface !
Resolve both disadvantages!
2
Characteristic Impedance
75 Ω
Frequency Range
12GHz Max.
Rated Voltage
AC500V(r.m.s.)
Dielectric Withstanding Voltage AC1,000V(r.m.s.) / 1 minute
Insulation Resistance
1,000M Ω Min. at 500V DC
Return Loss
20dB Min.( ~ 3GHz)
10dB Min.( ~ 12GHz)
Operating Temperature
-40 ~ +85℃
※ Specifications may vary depending on the connector. Please check the specifications before use.
◆ Hybrid type utilized advantage of
angle type and edge mounting type
Excellent high-frequency characteristics
in the industry
Broadcast equipment (Switcher,
Professional video camera, Monitor)
◆ Excellent high-frequency characteristics(12G-SDI compliant
◆ The protrusions of the mounting part improve the positional accuracy (Patent pending).
◆ Significant weight saving(less than 50% in comparison with our conventional angle type)
Item
Material / Finish
Contact
Copper Alloy / Au Plating
Outer Contact Zinc Alloy Die cast / Ni plating
Insulator
PTFE
Material / Finish
RoHS
Compliant
RoHS
Compliant
Angle type
Hybrid type
Edge mouting type
<Advantage>
・Ease mouting
<Disadvantage>
・Tendency of poor high
frequency characteristics
・High complexity and high
cost
<Advantage>
・Good characteristics
・Easy structure and low cost
<Disadvantage>
・No positioning mouting
part
Automatic
Through hole
PCB
Mounting part
PCB
Ensure adequate
solder area!
This protrusions improve the positional accuracy!
Adsorption surface !
Resolve both disadvantages!
【Automatic mounting】
【High-frequency characteristic】
50
45
40
35
30
25
20
15
10
5
0
0
2
4
6
8
10
12
Frequency 〔GHz〕
12G-SDI spec
BNC75-LR1-PCE
Return Loss(BNC75-LR1-PCE)


Similar Part No. - BNC75-LR1-PC

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC75-BJ-2.5C2W-CR1 DDK-BNC75-BJ-2.5C2W-CR1 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
BNC75-BJ-2.5C2W-CR1-CF DDK-BNC75-BJ-2.5C2W-CR1-CF Datasheet
265Kb / 9P
   75 廓 BNC Style Connector
BNC75-J-2.5C2W-CR10A DDK-BNC75-J-2.5C2W-CR10A Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
BNC75-J-2.5C2W-CR10A-CF DDK-BNC75-J-2.5C2W-CR10A-CF Datasheet
265Kb / 9P
   75 廓 BNC Style Connector
BNC75-P-1.5CQEW DDK-BNC75-P-1.5CQEW Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
More results

Similar Description - BNC75-LR1-PC

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N7611B KEYSIGHT-N7611B Datasheet
1Mb / 9P
   Signal Studio for Broadcast Radio
logo
Sony Corporation
CXA3556N SONY-CXA3556N Datasheet
142Kb / 13P
   IF Down Converter for Digital Broadcast
logo
Silicon Laboratories
SI4704-D50 SILABS-SI4704-D50 Datasheet
1Mb / 34P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER
SI4720 SILABS-SI4720 Datasheet
198Kb / 2P
   Broadcast FM Radio Transceiver for Portable Applications
SI4720-B20 SILABS-SI4720-B20 Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4702 SILABS-SI4702 Datasheet
184Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com