Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5234DW1T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MUN5234DW1T1
Description  Dual Bias Resistor Transistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5234DW1T1 Datasheet(HTML) 3 Page - ON Semiconductor

  MUN5234DW1T1 Datasheet HTML 1Page - ON Semiconductor MUN5234DW1T1 Datasheet HTML 2Page - ON Semiconductor MUN5234DW1T1 Datasheet HTML 3Page - ON Semiconductor MUN5234DW1T1 Datasheet HTML 4Page - ON Semiconductor MUN5234DW1T1 Datasheet HTML 5Page - ON Semiconductor MUN5234DW1T1 Datasheet HTML 6Page - ON Semiconductor MUN5234DW1T1 Datasheet HTML 7Page - ON Semiconductor MUN5234DW1T1 Datasheet HTML 8Page - ON Semiconductor MUN5234DW1T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MUN5211DW1T1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, common for Q1 and Q2) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 4.)
DC Current Gain
MUN5211DW1T1
(VCE = 10 V, IC = 5.0 mA)
MUN5212DW1T1
MUN5213DW1T1
MUN5214DW1T1
MUN5215DW1T1
MUN5216DW1T1
MUN5230DW1T1
MUN5231DW1T1
MUN5232DW1T1
MUN5233DW1T1
MUN5234DW1T1
MUN5235DW1T1
MUN5236DW1T1
MUN5237DW1T1
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
80
80
60
100
140
140
350
350
5.0
15
30
200
150
140
150
140
Collector-Emitter Saturation Voltage
(IC = 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA) MUN5230DW1T1/MUN5231DW1T1
(IC = 10 mA, IB = 1 mA) MUN5215DW1T1/MUN5216DW1T1
MUN5232DW1T1/MUN5233DW1T1/MUN5234DW1T1
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kΩ)
MUN5211DW1T1
MUN5212DW1T1
MUN5214DW1T1
MUN5215DW1T1
MUN5216DW1T1
MUN5230DW1T1
MUN5231DW1T1
MUN5232DW1T1
MUN5233DW1T1
MUN5234DW1T1
MUN5235DW1T1
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kΩ)
MUN5213DW1T1
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kΩ)
MUN5236DW1T1
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kΩ)
MUN5237DW1T1
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kΩ)
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kΩ)
MUN5230DW1T1
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kΩ)
MUN5215DW1T1
MUN5216DW1T1
MUN5233DW1T1
VOH
4.9
Vdc
4. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - MUN5234DW1T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5234DW1T1 MOTOROLA-MUN5234DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Trasnsistors
logo
ON Semiconductor
MUN5234DW1T1 ONSEMI-MUN5234DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
Leshan Radio Company
MUN5234DW1T1 LRC-MUN5234DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
logo
E-Tech Electronics LTD
MUN5234DW1T1 ETL-MUN5234DW1T1 Datasheet
501Kb / 8P
   Dual Bias ResistorTransistors
logo
ON Semiconductor
MUN5234DW1T1 ONSEMI-MUN5234DW1T1 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
More results

Similar Description - MUN5234DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com