Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T489D476K016ATE200 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T489D476K016ATE200
Description  Tantalum, MnO2 Tantalum, T489, 47 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Low Leakage, 200 mOhms, Height Max = 3.1mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T489D476K016ATE200 Datasheet(HTML) 1 Page - Kemet Corporation

  T489D476K016ATE200 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 45083d72-6be8-48c2-9822-f8e67b356cb7
KEMET Part Number: T489D476K016ATE200
Tantalum, MnO2 Tantalum, T489, 47 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Low Leakage, 200 mOhms, Height Max = 3.1mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
2.8mm +/-0.3mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.8mm MIN
B
0.5mm +/-0.15mm
E
3.5mm REF
G
3.5mm REF
P
0.9mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 446.84 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Dielectric: MnO2 Tantalum
Style: SMD Chip
Series: T489
Description: SMD, MnO2, Molded, Low
Leakage
Features: Low Leakage
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 47 uF
Capacitance Tolerance: 10%
Voltage DC: 16 VDC (85C), 10.72 VDC
(125C)
Temperature Range: -55/+125C
Dissipation Factor: 6% 120Hz 25C
Failure Rate: N/A
Resistance: 200 mOhms (100kHz)
Leakage Current: 5.6 uAmps (5min 25C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T489D476K016ATE200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T489D106K035ATE800 KEMET-T489D106K035ATE800 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T489, 10 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low Leakage, 800 mOhms, Height Max = 3.1mm
T489D106M035ATE800 KEMET-T489D106M035ATE800 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T489, 10 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, Low Leakage, 800 mOhms, Height Max = 3.1mm
T489D107M010ATE150 KEMET-T489D107M010ATE150 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T489, 100 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, Low Leakage, 150 mOhms, Height Max = 3.1mm
T489D107M010ATE440 KEMET-T489D107M010ATE440 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T489, 100 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, Low Leakage, 440 mOhms, Height Max = 3.1mm
T489D227K010ATE500 KEMET-T489D227K010ATE500 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T489, 220 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low Leakage, 500 mOhms, Height Max = 3.1mm
More results

Similar Description - T489D476K016ATE200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T489D227K010ATE500 KEMET-T489D227K010ATE500 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T489, 220 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low Leakage, 500 mOhms, Height Max = 3.1mm
T489D106K035ATE800 KEMET-T489D106K035ATE800 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T489, 10 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low Leakage, 800 mOhms, Height Max = 3.1mm
T489D107M010ATE440 KEMET-T489D107M010ATE440 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T489, 100 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, Low Leakage, 440 mOhms, Height Max = 3.1mm
T489D107M010ATE150 KEMET-T489D107M010ATE150 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T489, 100 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, Low Leakage, 150 mOhms, Height Max = 3.1mm
T489D106M035ATE800 KEMET-T489D106M035ATE800 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T489, 10 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, Low Leakage, 800 mOhms, Height Max = 3.1mm
T494D476K016AT KEMET-T494D476K016AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T494, 47 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Low ESR, 200 mOhms, Height Max = 3.1mm
T491D476K016AT KEMET-T491D476K016AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D476K010AT KEMET-T491D476K010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T495D476K016ATE180 KEMET-T495D476K016ATE180 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Low ESR, 180 mOhms, Height Max = 3.1mm
T495D476K016ATE150 KEMET-T495D476K016ATE150 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Low ESR, 150 mOhms, Height Max = 3.1mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com