Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC76SMBJ300A Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC76SMBJ300A
Description  Surface Mount Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC76SMBJ300A Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC76SMBJ300A Datasheet HTML 1Page - E-CMOS Corporation EC76SMBJ300A Datasheet HTML 2Page - E-CMOS Corporation EC76SMBJ300A Datasheet HTML 3Page - E-CMOS Corporation EC76SMBJ300A Datasheet HTML 4Page - E-CMOS Corporation EC76SMBJ300A Datasheet HTML 5Page - E-CMOS Corporation EC76SMBJ300A Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EC76SMBJxx
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 600W
Stand-off Voltage 5.0 to 440V
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 6
4L30N Rev.F001
Device
marking
code
Breakdown
voltage
V (BR) (Volts)
(1)
Device
type
UNI
BI
Min.
Max.
Test
current
at
IT (mA)
Stand-off
voltage
VWM
(Volts)
Maximum
reverse
leakage
at VWM
ID (uA)
(3)
Maximum
peak pulse
surge
current
IPPM (A)
(2)
Maximum
clamping
voltage
at IPPM
VC (Volts)
EC76SMBJ28
MF
CF
31.1
38.0
1.0
28
1.0
12.0
50.0
EC76SMBJ28A
MG
CG
31.1
34.4
1.0
28
1.0
13.2
45.4
EC76SMBJ30
MH
CH
33.3
40.7
1.0
30
1.0
11.2
53.5
EC76SMBJ30A
MK
CK
33.3
36.8
1.0
30
1.0
12.4
48.4
EC76SMBJ33
ML
CL
36.7
44.9
1.0
33
1.0
10.2
59.0
EC76SMBJ33A
MM
CM
36.7
40.6
1.0
33
1.0
11.3
53.3
EC76SMBJ36
MN
CN
40.0
48.9
1.0
36
1.0
9.3
64.3
EC76SMBJ36A
MP
CP
40.0
44.2
1.0
36
1.0
10.3
58.1
EC76SMBJ40
MQ
CQ
44.4
54.3
1.0
40
1.0
8.4
71.4
EC76SMBJ40A
MR
CR
44.4
49.1
1.0
40
1.0
9.3
64.5
EC76SMBJ43
MS
CS
47.8
58.4
1.0
43
1.0
7.8
76.7
EC76SMBJ43A
MT
CT
47.8
52.8
1.0
43
1.0
8.6
69.4
EC76SMBJ45
MU
CU
50.0
61.1
1.0
45
1.0
7.5
80.3
EC76SMBJ45A
MV
CV
50.0
55.3
1.0
45
1.0
8.3
72.7
EC76SMBJ48
MW
CW
53.3
65.1
1.0
48
1.0
7.0
85.5
EC76SMBJ48A
MX
CX
53.3
58.9
1.0
48
1.0
7.8
77.4
EC76SMBJ51
MY
CY
56.7
69.3
1.0
51
1.0
6.6
91.1
EC76SMBJ51A
MZ
CZ
56.7
62.7
1.0
51
1.0
7.3
82.4
EC76SMBJ54
ND
DD
60.0
73.3
1.0
54
1.0
6.2
96.3
EC76SMBJ54A
NE
DE
60.0
66.3
1.0
54
1.0
6.9
87.1
EC76SMBJ58
NF
DF
64.4
78.7
1.0
58
1.0
5.8
103
EC76SMBJ58A
NG
DG
64.4
71.2
1.0
58
1.0
6.4
93.6
EC76SMBJ60
NH
DH
68.7
81.5
1.0
60
1.0
5.6
107
EC76SMBJ60A
NK
DK
68.7
73.7
1.0
60
1.0
6.2
96.8
EC76SMBJ64
NL
DL
71.1
86.9
1.0
64
1.0
5.3
114
EC76SMBJ64A
NM
DM
71.1
78.6
1.0
64
1.0
5.8
103
EC76SMBJ70
NN
DN
77.8
95.1
1.0
70
1.0
4.8
125
EC76SMBJ70A
NP
DP
77.8
86.0
1.0
70
1.0
5.3
113
EC76SMBJ75
NQ
DQ
83.3
102
1.0
75
1.0
4.5
134
EC76SMBJ75A
NR
DR
83.3
92.1
1.0
75
1.0
5.0
121
EC76SMBJ78
NS
DS
86.7
106
1.0
78
1.0
4.3
139
EC76SMBJ78A
NT
DT
86.7
95.8
1.0
78
1.0
4.8
126
EC76SMBJ85
NU
DU
94.4
115
1.0
85
1.0
4.0
151
EC76SMBJ85A
NV
DV
94.4
104
1.0
85
1.0
4.4
137
EC76SMBJ90
NW
DW
100
122
1.0
90
1.0
3.8
160
EC76SMBJ90A
NX
DX
100
111
1.0
90
1.0
4.1
146
EC76SMBJ100
NY
DY
111
136
1.0
100
1.0
3.4
179
EC76SMBJ100A
NZ
DZ1
123
1.0
100
1.0
3.7
162
EC76SMBJ110
PD
FD
122
149
1.0
110
1.0
3.1
196
EC76SMBJ110A
PE
FE
122
135
1.0
110
1.0
3.4
177
EC76SMBJ120
PF
FF
133
163
1.0
120
1.0
2.8
214
EC76SMBJ120A
PG
FG
133
147
1.0
120
1.0
3.1
193
EC76SMBJ130
PH
FH
144
176
1.0
130
1.0
2.6
231
EC76SMBJ130A
PK
FK
144
159
1.0
130
1.0
2.9
209
EC76SMBJ150
PL
FL
167
204
1.0
150
1.0
2.2
268
EC76SMBJ150A
PM
FM
167
185
1.0
150
1.0
2.5
243
EC76SMBJ160
PN
FN
178
218
1.0
160
1.0
2.1
287
EC76SMBJ160A
PP
FP
178
197
1.0
160
1.0
2.3
259


Similar Part No. - EC76SMBJ300A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC76SM712 E-CMOS-EC76SM712 Datasheet
123Kb / 3P
   ESD protection Diode
EC76SM712B1R E-CMOS-EC76SM712B1R Datasheet
123Kb / 3P
   ESD protection Diode
EC76SMAJ10 E-CMOS-EC76SMAJ10 Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
EC76SMAJ100 E-CMOS-EC76SMAJ100 Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
EC76SMAJ100A E-CMOS-EC76SMAJ100A Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
More results

Similar Description - EC76SMBJ300A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com