Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC76P4KE250A Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC76P4KE250A
Description  Peak Pulse 400W Stand-off Voltage 6.8 to 550V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC76P4KE250A Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC76P4KE250A Datasheet HTML 1Page - E-CMOS Corporation EC76P4KE250A Datasheet HTML 2Page - E-CMOS Corporation EC76P4KE250A Datasheet HTML 3Page - E-CMOS Corporation EC76P4KE250A Datasheet HTML 4Page - E-CMOS Corporation EC76P4KE250A Datasheet HTML 5Page - E-CMOS Corporation EC76P4KE250A Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EC76P4KEXXX
Peak Pulse 400W
Stand-off Voltage 6.8 to 550V
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 6
5A19N Rev.F001
Features
■ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
■ Class passivated junction
■ 400W peak pulse power capability on 10/1000us
Waveform, repetition rate (duty cycle): 0.01%
■ Excellent clamping capability
■ Low incremental surge resistance
■ Very fast response soldering guaranteed: 265
/10
Seconds, 0.375”(9.5mm) lead length, 5lbs. (2.3kg)
tension
Mechanical Date
■ Case : JEDEC DO-204AL(DO-41) molded plastic
Body over passivated junction
■ Terminals: Axial leads, solderable per MIL-STD-750,
Method 2026
■ Polarity: For unidirectional types the color band
denotes the cathode, which is positive with respect
to the anode under normal TVS operation
■ Mounting Position: Any
■ Weight : 0.012oz, 0.3g
Absolute Maximum Ratings
(Ratings at 25℃ambient temperature unless otherwise specified.)
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig. 2.
2. Mounted on 1.6 x 1.6" (40 x 40 mm) per Fig. 5.
3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute
maximum
4. VF=3.5 V for devices of V(BR) < 220V, and VF=5.0 Volt max. for devices of V(BR)>220V
Parameter
Symbol
Value
Unit
Peak pulse power dissipation with a 10/1000 us waveform
(1,2) (see Fig. 1)
PPPM
400
W
Peak pulse current with a 10/1000 us waveform
(1)
IPPM
See Next Table
A
Steady state power dissipation
at TL =75
, lead lengths 0.375" (9.5mm)
(2)
PM(AV)
1.0
W
Peak forward surge current 8.3ms single half sine-wave uni-directional only
(3)
IFSM
40
A
Maximum instantaneous forward voltage @ 25A for unidirectional only
(4)
VF
3.5/5.0
V
Typical thermal resistance, junction to ambient, LLead =10mm
RθJA
100
℃/W
Typical thermal resistance, junction to lead
RθJL
60
℃/W
Operating junction and storage temperature range
TJ,TSTG
-55 to +175
EC76P4KE6.8 thru 550


Similar Part No. - EC76P4KE250A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC762060U E-CMOS-EC762060U Datasheet
178Kb / 3P
   Silicon Epitaxial Planar Switching Diode
EC762060UB6R E-CMOS-EC762060UB6R Datasheet
178Kb / 3P
   Silicon Epitaxial Planar Switching Diode
EC76DSS210 E-CMOS-EC76DSS210 Datasheet
170Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampers
EC76DSS22 E-CMOS-EC76DSS22 Datasheet
170Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampers
EC76DSS23 E-CMOS-EC76DSS23 Datasheet
170Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampers
More results

Similar Description - EC76P4KE250A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
1.5KE6.8 GOOD-ARK-1.5KE6.8 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
SMAJ5.0 GOOD-ARK-SMAJ5.0_15 Datasheet
240Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V
L4TVS10A GOOD-ARK-L4TVS10A_15 Datasheet
226Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 10 to 190V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com