Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC76SMAJ78 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC76SMAJ78
Description  Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC76SMAJ78 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC76SMAJ78 Datasheet HTML 1Page - E-CMOS Corporation EC76SMAJ78 Datasheet HTML 2Page - E-CMOS Corporation EC76SMAJ78 Datasheet HTML 3Page - E-CMOS Corporation EC76SMAJ78 Datasheet HTML 4Page - E-CMOS Corporation EC76SMAJ78 Datasheet HTML 5Page - E-CMOS Corporation EC76SMAJ78 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EC76SMAJxx
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 400W
Stand-off Voltage 5.0 to 440V
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 6
5A05N Rev.F001
Features
■ Plastic package has Underwriters Laboratory
Flammability
■ Classification 94V-0
■ Optimized for LAN protection applications
■ Ideal for ESD protection of date lines in accordance
with IEC 1000-4-2 (IEC801-2)
■ Low profile package with built-in strain relief for
surface mounted applications
■ Glass passivated junction
■ Low incremental surge resistance, excellent
clamping capability
■ 400W peak pulse power capability with a 10/1000us
waveform, repetition rate
(duty cycle): 0.01%(300W about 78V)
■ Very fast response time
■ High temperature soldering guaranteed:
250
/10 seconds at terminals
Mechanical Date
■ Case: JEDEC DO-214AA(SMB J-Bend) molded plastic over passivated junction
■ Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
■ Polarity: For unidirectional types the band denotes the cathode, which is positive with respect to the anode under normal
TVS operation
■ Weight: 0.002oz., 0.064g
Mounting Position: Any
Absolute Maximum Ratings
(Ratings at 25℃ambient temperature unless otherwise specified.)
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25 per Fig. 2. Rating is 300W above 78V.
2. Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
3. Mounted on minimum recommended pad layout
Parameter
Symbol
Value
Unit
Peak pulse power dissipation with a 10/1000 us waveform
(1,2) (see Fig. 1)
PPPM
400
W
Peak pulse current with a 10/1000 us waveform
(1)
IPPM
See Next Table
A
Peak forward surge current 8.3ms single half sine-wave uni-directional only
(2)
IFSM
40
A
Typical thermal resistance, junction to ambient
(4)
RθJA
120
℃/W
Typical thermal resistance, junction to lead
RθJL
30
℃/W
Operating junction and storage temperature range
TJ,TSTG
-55 to +150
EC76SMAJ5.0 thru 440


Similar Part No. - EC76SMAJ78

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC76SM712 E-CMOS-EC76SM712 Datasheet
123Kb / 3P
   ESD protection Diode
EC76SM712B1R E-CMOS-EC76SM712B1R Datasheet
123Kb / 3P
   ESD protection Diode
EC76SMBJ10 E-CMOS-EC76SMBJ10 Datasheet
256Kb / 6P
   Surface Mount Transient Voltage Suppressors
EC76SMBJ100 E-CMOS-EC76SMBJ100 Datasheet
256Kb / 6P
   Surface Mount Transient Voltage Suppressors
EC76SMBJ100A E-CMOS-EC76SMBJ100A Datasheet
256Kb / 6P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - EC76SMAJ78

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SMAJ5.0 GOOD-ARK-SMAJ5.0_15 Datasheet
240Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V
SMCJ5.0 GOOD-ARK-SMCJ5.0_15 Datasheet
204Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Stand-off Voltage 5.0 to 440V
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
SMBJ5.0 GOOD-ARK-SMBJ5.0_15 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 600W Stand-off Voltage 5.0 to 440V
L4TVS10A GOOD-ARK-L4TVS10A_15 Datasheet
226Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 10 to 190V
logo
Nanjing International G...
F2TVS5.0A DGNJDZ-F2TVS5.0A Datasheet
718Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com