Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9V112 Datasheet(PDF) 9 Page - Micron Technology

Part # MT9V112
Description  SOC VGA DIGITAL IMAGE SENSOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9V112 Datasheet(HTML) 9 Page - Micron Technology

Back Button MT9V112 Datasheet HTML 5Page - Micron Technology MT9V112 Datasheet HTML 6Page - Micron Technology MT9V112 Datasheet HTML 7Page - Micron Technology MT9V112 Datasheet HTML 8Page - Micron Technology MT9V112 Datasheet HTML 9Page - Micron Technology MT9V112 Datasheet HTML 10Page - Micron Technology MT9V112 Datasheet HTML 11Page - Micron Technology MT9V112 Datasheet HTML 12Page - Micron Technology MT9V112 Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
MT9V112
SOC VGA DIGITAL IMAGE SENSOR
PRELIMINARY
09005aef8154a39d/09005aef8175e6cc
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V112_2.fm- Rev. A 1/05 EN
9
©2004 Micron Technology, Inc. All rights reserved.
Figure 4: 36-Ball ICSP Assignment
A
B
C
D
E
F
Top View
(Ball Down)
2
DOUT3
DGND
DOUT2
DOUT
VDDQ
PIXCLK
3
DOUT5
DOUT4
DGND
DGND
STROBE
SCLK
1
VDD
DOUT0
DOUT1
DOUT
SADDR
VDD
4
DOUT7
DOUT6
DGND
DGND
STAND
BY
6
VDD
LINE
VDD
VAA
AGND
VAAPIX
5
CLKIN
VDDQ
FRAME
TEST
DGND
SDATA
_LSB0
_LSB1
RESET#
_VALID
_VALID
_ENABLE
Table 2:
Ball Description
BALL
ASSIGNMENT
NAME
TYPE
DESCRIPTION
A5
CLKIN
Input
Master clock in sensor.
E4
RESET#
Input
Active LOW: asynchronous reset.
E1
SADDR
Input
Two-Wire Serial Interface Device ID selection 1:0xBA, 0:0x90.
D5
TEST_ENABLE
Input
Tie to DGND for normal operation. (Manufacturing use only.)
F3
SCLK
Input
Two-Wire Serial Interface Clock.
F4
STANDBY
Input
Multifunctional signal to control device addressing, power-down, and
state functions (covering output enable function).
F5
SDATA
Output
Two-Wire Serial Interface Data I/O.
B1, C1, C2, A2,
B3, A3, B4, A4
DOUT(7:0)
Output
Pixel Data Output bit 0, DOUT(7) (most significant bit (MSB)), DOUT(0)
(least significant bit (LSB)).
D1
DOUT_LSB0
Output
Sensor bypass mode output 0—typically left unconnected for normal SOC
operation.
D2
DOUT_LSB1
Output
Sensor bypass mode output 1—typically left unconnected for normal SOC
operation.
C5
FRAME_VALID
Output
Active HIGH: FRAME_VALID; indicates active frame.
B6
LINE_VALID
Output
Active HIGH: LINE_VALID, DATA_VALID; indicates active pixel.
F2
PIXCLK
Output
Pixel clock output.
E3
STROBE
Output
Active HIGH: strobe (Xenon) or turn on (LED) flash.
E6
AGND
Supply
Analog ground.
B2, C3, C4, D3,
D4, E5
DGND
Supply
Core digital ground.


Similar Part No. - MT9V112

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9V111 MICRON-MT9V111 Datasheet
615Kb / 46P
   1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
logo
ON Semiconductor
MT9V111 ONSEMI-MT9V111 Datasheet
730Kb / 32P
   SOC VGA CMOS Active-Pixel Digital Image Sensor
Rev. N 5/15 EN
MT9V111D00ATCK82AC1-305 ONSEMI-MT9V111D00ATCK82AC1-305 Datasheet
730Kb / 32P
   SOC VGA CMOS Active-Pixel Digital Image Sensor
Rev. N 5/15 EN
MT9V111D00STCK82AC1K-305 ONSEMI-MT9V111D00STCK82AC1K-305 Datasheet
730Kb / 32P
   SOC VGA CMOS Active-Pixel Digital Image Sensor
Rev. N 5/15 EN
logo
Micron Technology
MT9V111I29STC MICRON-MT9V111I29STC Datasheet
615Kb / 46P
   1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
More results

Similar Description - MT9V112

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V131 ONSEMI-MT9V131 Datasheet
753Kb / 33P
   Inch SOC VGA CMOS Digital Image Sensor
Rev. H 4/15 EN
MT9V111 ONSEMI-MT9V111 Datasheet
730Kb / 32P
   SOC VGA CMOS Active-Pixel Digital Image Sensor
Rev. N 5/15 EN
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCW-22S PIXART-PAS302BCW-22S Datasheet
241Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
logo
Micron Technology
MT9V111 MICRON-MT9V111 Datasheet
615Kb / 46P
   1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
logo
Pixart Imaging Inc.
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com