Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC734N60 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC734N60
Description  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC734N60 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC734N60 Datasheet HTML 1Page - E-CMOS Corporation EC734N60 Datasheet HTML 2Page - E-CMOS Corporation EC734N60 Datasheet HTML 3Page - E-CMOS Corporation EC734N60 Datasheet HTML 4Page - E-CMOS Corporation EC734N60 Datasheet HTML 5Page - E-CMOS Corporation EC734N60 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EC734N60
N-Channel Power MOSFET
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 6
4G22N-Rev.F001
Symbol
Parameter
Test Condition
Min. Typ. Max. Unit
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID
= 250μ A
600
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
-
-
1
μ A
IGSSF
Forward Gate Body Leakage
Current
VDS = 0V, VGS = 30V
-
-
100
nA
IGSSR
Reverse Gate Body Leakage
Current
VDS = 0V, VGS = -30V
-
-
-100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID
= 250μA
2
2.62
4
V
RDS(on)
Static Drain-Source On-Resistance
d
VGS = 10V, ID = 2A
-
1.91
2.4
Ω
gFS
Forward Transconductance
d
VDS = 15V, ID = 2A
-
2.3
10
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
-
464
-
pF
Coss
Output Capacitance
-
87
-
pF
Crss
Reverse Transfer Capacitance
-
16
-
pF
td(on)
Turn-On Delay Time
VDD = 300V, ID = 4A,
RG = 10Ω, VGS = 10V
-
21.1
-
ns
tr
Turn-On Rise Time
-
7.5
-
ns
td(off)
Turn-Off Delay Time
-
29.1
-
ns
tf
Turn-Off Fall Time
-
6.3
-
ns
Qg
Total Gate Charge
VDS = 300V, ID = 4A,
VGS = 10V
-
8.4
-
nC
Qgs
Gate-Source Charge
-
3.2
-
nC
Qgd
Gate-Drain Charge
-
2.8
-
nC
Electrical Characteristics( TJ = 25°C unless otherwise noted)
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics


Similar Part No. - EC734N60

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC734606 E-CMOS-EC734606 Datasheet
205Kb / 5P
   Complementary MOSFET
EC734606M1R E-CMOS-EC734606M1R Datasheet
205Kb / 5P
   Complementary MOSFET
More results

Similar Description - EC734N60

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com