Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9T001 Datasheet(PDF) 6 Page - Micron Technology

Part # MT9T001
Description  3-MEGAPIXEL DIGITAL IMAGE SENSOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9T001 Datasheet(HTML) 6 Page - Micron Technology

Back Button MT9T001 Datasheet HTML 2Page - Micron Technology MT9T001 Datasheet HTML 3Page - Micron Technology MT9T001 Datasheet HTML 4Page - Micron Technology MT9T001 Datasheet HTML 5Page - Micron Technology MT9T001 Datasheet HTML 6Page - Micron Technology MT9T001 Datasheet HTML 7Page - Micron Technology MT9T001 Datasheet HTML 8Page - Micron Technology MT9T001 Datasheet HTML 9Page - Micron Technology MT9T001 Datasheet HTML 10Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
MT9T001
3-MEGAPIXEL DIGITAL IMAGE SENSOR
PRELIMINARY
09005aef80c64010
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9T001_3100_DS_2.fm - Rev. C 9/04 EN
6
©2003 Micron Technology, Inc. All rights reserved.
Figure 1: Block Diagram
Figure 2: Typical Configuration (Connection)
NOTE:
Resistor value 1.5K
Ω is recommended, but may be greater for slower two-wire speed.
Active-Pixel
Sensor (APS)
Array
Two-Wire
Serial Interface
10-bit
Data
Sync
Signals
Timing
and
Control
Control Register
Analog Processing
ADC
Clock
3.3V Analog
3.3V Analog
3.3V Digital
3.3V Digital
D8
D8
FRAME_VALID
FRAME_VALID
D7
D7
LINE_VALID
LINE_VALID
PIXCLK
PIXCLK
STROBE
STROBE
TRIGGER
TRIGGER
GSHT_CTL
GSHT_CTL
CLKIN
CLKIN
D5
D5
D6
D6
D0
D0
D2
D2
D3
D3
D4
D4
D9
D9
D1
D1
+
MT9T001
MT9T001
NC
NC
9
TRIGGER
TRIGGER
8
STANDBY
STANDBY
7
OE#
OE#
13
13
NC
NC
11
11
RESET#
RESET#
10
10
NC
NC
14
14
GSHT_CTL
GSHT_CTL
12
12
AGND
AGND
15
15
VAA
VAA
16
16
AGND
AGND
18
18
AGND
AGND
17
17
PIXCLK
PIXCLK
31
31
VDD
VDD
37
37
D8
D8
35
35
D5
D5
32
32
D9
D9
36
36
FRAME_VALID
FRAME_VALID
41
41
D6
D6
33
33
LINE_VALID
LINE_VALID
40
40
NC
NC
42
42
D7
D7
34
34
DGND
DGND
38
38
STROBE
STROBE
39
39
+
Two-wire
serial bus
{
.1
µF
2.2
µF
10
µF
1.5K
1.5K
1K
.01
µF
.1
µF


Similar Part No. - MT9T001

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
   1/2-Inch 3-Megapixel CMOS Digital Image Sensor
More results

Similar Description - MT9T001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9M001C12STM ONSEMI-MT9M001C12STM Datasheet
637Kb / 29P
   Megapixel CMOS Digital Image Sensor
Rev. M Pub. 5/15 EN
logo
Micron Technology
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
   1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
   1/2-Inch 3-Megapixel CMOS Digital Image Sensor
logo
List of Unclassifed Man...
ICM200E ETC1-ICM200E Datasheet
679Kb / 32P
   Megapixel (UXGA) Digital Color CMOS Image Sensor
logo
Micron Technology
MT9M011 MICRON-MT9M011 Datasheet
902Kb / 41P
   1/3-Inch Megapixel CMOS Active-Pixel Digital Image Sensor
logo
Cypress Semiconductor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
   Megapixel CMOS Image Sensor
logo
Micron Technology
MT9M413C36STC MICRON-MT9M413C36STC Datasheet
504Kb / 30P
   1.3-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
logo
List of Unclassifed Man...
ICM320T ETC-ICM320T Datasheet
1Mb / 30P
   3.2 Megapixel QXGA Digital Color CMOS Image Sensor
logo
Micron Technology
MT9D011 MICRON-MT9D011 Datasheet
1Mb / 61P
   1/3-INCH 2-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
MT9M001 MICRON-MT9M001 Datasheet
574Kb / 32P
   1/2-Inch Megapixel CMOS Digital Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com