Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9M413C36STC Datasheet(PDF) 11 Page - Micron Technology

Part # MT9M413C36STC
Description  1.3-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9M413C36STC Datasheet(HTML) 11 Page - Micron Technology

Back Button MT9M413C36STC Datasheet HTML 7Page - Micron Technology MT9M413C36STC Datasheet HTML 8Page - Micron Technology MT9M413C36STC Datasheet HTML 9Page - Micron Technology MT9M413C36STC Datasheet HTML 10Page - Micron Technology MT9M413C36STC Datasheet HTML 11Page - Micron Technology MT9M413C36STC Datasheet HTML 12Page - Micron Technology MT9M413C36STC Datasheet HTML 13Page - Micron Technology MT9M413C36STC Datasheet HTML 14Page - Micron Technology MT9M413C36STC Datasheet HTML 15Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
1.3-MEGAPIXEL CMOS ACTIVE-PIXEL
DIGITAL IMAGE SENSOR
09005aef806807ca
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9M413C36STC.fm - Ver. 3.0 1/04 EN
11
©2004 Micron Technology, Inc. All rights reserved.
Figure 10:
Typical Example of TrueSNAP
Sequential Mode: Exposure Following
Readout
TrueSNAP Single Frame
The MI-MV13 can run in single frame or snap-shot
mode in which one image is captured. In single frame
mode integration must be preceded with a void frame
read
(selecting
all
addresses
and
applying
ROW_STRT_N) or PG_N and TX_N must be applied
together (for a minimum of 10 SYSCLK cycles) to clear
pixel and pixel memory. Holding PG_N and TX_N low
resets the photodioide (PG_N) and the analog memory
which is shorted to the photodiode by the TX_N
switch. To start integration both TX_N and PG_N are
released. To end integration and sample the signal into
memory TX_N is made low again for 10 clocks mini-
mum, up to 64 clocks (see Figure 6 on page 7). After
TX_N is returned to the high state there must be a
delay of >1 SYSCLK prior to lowering PG_N again to
erase charge in the photodetector.
Figure 11:
Typical Example of TrueSNAP Single
Frame Mode
ERS Mode
This mode is enabled by pulling PG_N high and
TX_N low.
Partial Scan Examples
The MI-MV13 can be partially scanned by sub-sam-
pling rows. The user may select which rows and how
many rows to include in a partial scan. For example,
with a 66-megahertz clock, a row time is approxi-
mately 2 microseconds, resulting in the following pos-
sibilities:
1 row in frame: 500,000 frames per second
2 rows in frame: 250,000 frames per second
10 rows in frame: 50,000 frames per second
100 rows in frame: 5,000 frames per second
256 rows in frame: 2,000 frames per second
512 rows in frame: 1,000 frames per second
1,024 rows in frame: 500 frames per second ...etc
Readout
Time
ROW_ADDR
1023
0
PG_N
TX_N
Readout
Exposure
time
Exposure
time
TIME
ROW_ADDR
1023
0
PG_N
TX_N
EXPOSURE TIME
READOUT
“SLEEP” STATE
“SLEEP” STATE
TIME
ROW_ADDR
1023
0
PG_N
TX_N
EXPOSURE TIME
READOUT
“SLEEP” STATE
“SLEEP” STATE
Table 3:
Pin Description
PIN NUMBER(S)
SIGNAL NAME
FUNCTION
DATA [99:0]
Pixel data output bus that is ten pixels (100 bits) wide.
Bit 0 is the LSB (least significant bit) of the lowest order
pixel (See Table 2, Pixel Array, on page 7). In the group of ten pixels
being output, bit 9 is the MSB (most significant bit).
T13
DATA0
U14
DATA1
V15
DATA2
T14
DATA3
V16
DATA4


Similar Part No. - MT9M413C36STC

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9M001 MICRON-MT9M001 Datasheet
574Kb / 32P
   1/2-Inch Megapixel CMOS Digital Image Sensor
MT9M001C12STM MICRON-MT9M001C12STM Datasheet
574Kb / 32P
   1/2-Inch Megapixel CMOS Digital Image Sensor
logo
ON Semiconductor
MT9M001C12STM ONSEMI-MT9M001C12STM Datasheet
637Kb / 29P
   Megapixel CMOS Digital Image Sensor
Rev. M Pub. 5/15 EN
MT9M001C12STM-DP ONSEMI-MT9M001C12STM-DP Datasheet
637Kb / 29P
   Megapixel CMOS Digital Image Sensor
Rev. M Pub. 5/15 EN
MT9M001C12STM-DR ONSEMI-MT9M001C12STM-DR Datasheet
637Kb / 29P
   Megapixel CMOS Digital Image Sensor
Rev. M Pub. 5/15 EN
More results

Similar Description - MT9M413C36STC

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9M011 MICRON-MT9M011 Datasheet
902Kb / 41P
   1/3-Inch Megapixel CMOS Active-Pixel Digital Image Sensor
MT9D011 MICRON-MT9D011 Datasheet
1Mb / 61P
   1/3-INCH 2-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
logo
ON Semiconductor
NOII5SM1300A ONSEMI-NOII5SM1300A Datasheet
1,013Kb / 33P
   IBIS5 1.3 Megapixel CMOS Image Sensor
May, 2013 ??Rev. 12
logo
Cypress Semiconductor
CYII5SM1300AB CYPRESS-CYII5SM1300AB_11 Datasheet
1Mb / 35P
   IBIS5 1.3 Megapixel CMOS Image Sensor
logo
ON Semiconductor
MT9V111 ONSEMI-MT9V111 Datasheet
730Kb / 32P
   SOC VGA CMOS Active-Pixel Digital Image Sensor
Rev. N 5/15 EN
MT9M001C12STM ONSEMI-MT9M001C12STM Datasheet
637Kb / 29P
   Megapixel CMOS Digital Image Sensor
Rev. M Pub. 5/15 EN
logo
List of Unclassifed Man...
ICM108B ETC1-ICM108B Datasheet
449Kb / 20P
   1.3 million pixel Color CMOS image sensor
logo
Cypress Semiconductor
CYIWOSC1300AA CYPRESS-CYIWOSC1300AA Datasheet
345Kb / 31P
   1.3 Megapixel CMOS Sensor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
logo
Micron Technology
MT9V011 MICRON-MT9V011 Datasheet
537Kb / 33P
   1/4-INCH VGA CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com