Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC76SMBJ13A Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC76SMBJ13A
Description  Surface Mount Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC76SMBJ13A Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC76SMBJ13A Datasheet HTML 1Page - E-CMOS Corporation EC76SMBJ13A Datasheet HTML 2Page - E-CMOS Corporation EC76SMBJ13A Datasheet HTML 3Page - E-CMOS Corporation EC76SMBJ13A Datasheet HTML 4Page - E-CMOS Corporation EC76SMBJ13A Datasheet HTML 5Page - E-CMOS Corporation EC76SMBJ13A Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EC76SMBJxx
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 600W
Stand-off Voltage 5.0 to 440V
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 6
4L30N Rev.F001
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=100A (uni-directional only)
Device
marking
code
Breakdown
voltage
V (BR) (Volts)
(1)
Device
type
UNI
BI
Min.
Max.
Test
current
at
IT (mA)
Stand-off
voltage
VWM
(Volts)
Maximum
reverse
leakage
at VWM
ID (uA)
(3)
Maximum
peak pulse
surge
current
IPPM (A)
(2)
Maximum
clamping
voltage
at IPPM
VC (Volts)
EC76SMBJ5.0
KD
AD
6.40
7.82
10
5.0
800
62.5
9.6
EC76SMBJ5.0A
(5)
KE
AE
6.40
7.07
10
5.0
800
65.2
9.2
EC76SMBJ6.0
KF
AF
6.67
8.15
10
6.0
800
52.6
11.4
EC76SMBJ6.0A
KG
AG
6.67
7.37
10
6.0
800
58.3
10.3
EC76SMBJ6.5
KH
AH
7.22
8.82
10
6.5
500
48.8
12.3
EC76SMBJ6.5A
KK
AK
7.22
7.98
10
6.5
500
53.6
11.2
EC76SMBJ7.0
KL
AL
7.78
9.51
10
7.0
200
45.1
13.3
EC76SMBJ7.0A
KM
AM
7.78
8.60
10
7.0
200
50.0
12.0
EC76SMBJ7.5
KN
AN
8.33
10.2
1.0
7.5
100
42.0
14.3
EC76SMBJ7.5A
KP
AP
8.33
9.21
1.0
7.5
100
46.5
12.9
EC76SMBJ8.0
KQ
AQ
8.89
10.9
1.0
8.0
50
40.0
15.0
EC76SMBJ8.0A
KR
AR
8.89
9.83
1.0
8.0
50
44.1
13.6
EC76SMBJ8.5
KS
AS
9.44
11.5
1.0
8.5
20
37.7
15.9
EC76SMBJ8.5A
KT
AT
9.44
10.4
1.0
8.5
20
41.7
14.4
EC76SMBJ9.0
KU
AU
10.0
12.2
1.0
9.0
10
35.5
16.9
EC76SMBJ9.0A
KV
AV
10.0
11.1
1.0
9.0
10
39.0
15.4
EC76SMBJ10
KW
AW
11.1
13.6
1.0
10
5.0
31.9
18.8
EC76SMBJ10A
KX
AX
11.1
12.3
1.0
10
5.0
35.3
17.0
EC76SMBJ11
KY
AY
12.2
14.9
1.0
11
5.0
29.9
20.1
EC76SMBJ11A
KZ
AZ
12.2
13.5
1.0
11
5.0
33.0
18.2
EC76SMBJ12
LD
BD
13.3
16.3
1.0
12
5.0
27.3
22.0
EC76SMBJ12A
LE
BE
13.3
14.7
1.0
12
5.0
30.2
19.9
EC76SMBJ13
LF
BF
14.4
17.6
1.0
13
1.0
25.2
23.8
EC76SMBJ13A
LG
BG
14.4
15.9
1.0
13
1.0
27.9
21.5
EC76SMBJ14
LH
BH
15.6
19.1
1.0
14
1.0
23.3
25.8
EC76SMBJ14A
LK
BK
15.6
17.2
1.0
14
1.0
25.9
23.2
EC76SMBJ15
LL
BL
16.7
20.4
1.0
15
1.0
22.3
26.9
EC76SMBJ15A
LM
BM
16.7
18.5
1.0
15
1.0
24.6
24.4
EC76SMBJ16
LN
BN
17.8
21.8
1.0
16
1.0
20.8
28.8
EC76SMBJ16A
LP
BP
17.8
19.7
1.0
16
1.0
23.1
26.0
EC76SMBJ17
LQ
BQ
18.9
23.1
1.0
17
1.0
19.7
30.5
EC76SMBJ17A
LR
BR
18.9
20.9
1.0
17
1.0
21.7
27.6
EC76SMBJ18
LS
BS
20.0
24.4
1.0
18
1.0
18.6
32.2
EC76SMBJ18A
LT
BT
20.0
22.1
1.0
18
1.0
20.5
29.2
EC76SMBJ20
LU
BU
22.2
27.1
1.0
20
1.0
16.8
35.8
EC76SMBJ20A
LV
BV
22.2
24.5
1.0
20
1.0
18.5
32.4
EC76SMBJ22
LW
BW
24.4
29.8
1.0
22
1.0
15.2
39.4
EC76SMBJ22A
LX
BX
24.4
26.9
1.0
22
1.0
16.9
35.5
EC76SMBJ24
LY
BY
26.7
32.6
1.0
24
1.0
14.0
43.0
EC76SMBJ24A
LZ
BZ
26.7
29.5
1.0
24
1.0
15.4
38.9
EC76SMBJ26
MD
CD
28.9
35.3
1.0
26
1.0
12.9
46.6
EC76SMBJ26A
ME
CE
28.9
31.9
1.0
26
1.0
14.3
42.1


Similar Part No. - EC76SMBJ13A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC76SM712 E-CMOS-EC76SM712 Datasheet
123Kb / 3P
   ESD protection Diode
EC76SM712B1R E-CMOS-EC76SM712B1R Datasheet
123Kb / 3P
   ESD protection Diode
EC76SMAJ10 E-CMOS-EC76SMAJ10 Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
EC76SMAJ100 E-CMOS-EC76SMAJ100 Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
EC76SMAJ100A E-CMOS-EC76SMAJ100A Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
More results

Similar Description - EC76SMBJ13A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com