Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC85xxNNB1R Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC85xxNNB1R
Description  35V/2.6uA/200mA, Ultra-Low-Iq, Low Dropout LDO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC85xxNNB1R Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC85xxNNB1R Datasheet HTML 1Page - E-CMOS Corporation EC85xxNNB1R Datasheet HTML 2Page - E-CMOS Corporation EC85xxNNB1R Datasheet HTML 3Page - E-CMOS Corporation EC85xxNNB1R Datasheet HTML 4Page - E-CMOS Corporation EC85xxNNB1R Datasheet HTML 5Page - E-CMOS Corporation EC85xxNNB1R Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EC85XX
35V/2.6µA/200mA,Ultra-Low-Iq, Low Dropout LDO
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 6
4L12N-Rev.F001
Typical Performance Characteristics


Similar Part No. - EC85xxNNB1R

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
EC850 LUMINIS-EC850 Datasheet
523Kb / 3P
   LED light engine
EC851 LUMINIS-EC851 Datasheet
523Kb / 3P
   LED light engine
EC852 LUMINIS-EC852 Datasheet
523Kb / 3P
   LED light engine
More results

Similar Description - EC85xxNNB1R

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE85XX SEAWARD-SE85XX Datasheet
327Kb / 6P
   35V/2.6關A/200mA竊똗ltra-Low-Iq, Low Dropout LDO
logo
Shenzhen Huazhimei Semi...
HM53XXB HMSEMI-HM53XXB Datasheet
2Mb / 15P
   35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
HM53XXAB HMSEMI-HM53XXAB Datasheet
2Mb / 15P
   35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
   Ultra-Low-Noise 200mA LDO Regulator
logo
ams AG
AS1369 AMSCO-AS1369 Datasheet
755Kb / 16P
   200mA Ultra-Compact Low Dropout Regulator
AS1369 AMSCO-AS1369_04 Datasheet
1Mb / 22P
   200mA Ultra-Compact Low Dropout Regulator
logo
Texas Instruments
TLV710 TI-TLV710_10 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV710 TI1-TLV710_12 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com