Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC7806MNA2R Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC7806MNA2R
Description  500mA Positive Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC7806MNA2R Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC7806MNA2R Datasheet HTML 5Page - E-CMOS Corporation EC7806MNA2R Datasheet HTML 6Page - E-CMOS Corporation EC7806MNA2R Datasheet HTML 7Page - E-CMOS Corporation EC7806MNA2R Datasheet HTML 8Page - E-CMOS Corporation EC7806MNA2R Datasheet HTML 9Page - E-CMOS Corporation EC7806MNA2R Datasheet HTML 10Page - E-CMOS Corporation EC7806MNA2R Datasheet HTML 11Page - E-CMOS Corporation EC7806MNA2R Datasheet HTML 12Page - E-CMOS Corporation EC7806MNA2R Datasheet HTML 13Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
EC78XXM
E-CMOS Corp. (www.ecmos.com.tw)
Page 9 of 15
4D01N-Rev.P002
500mA Positive Voltage Regulators
EC7815M Electrical Characteristics (VI = 23V, IO = 350mA unless otherwise noted)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage
25℃
14.4
15
15.6
V
IO=5mA to 350mA
VI=17.5V to 30V
P≦15W(TO220 package)
0℃ to 125℃
14.25
15
15.75
Input Regulation
VI=17.5V to 30V, IO=200mA
25℃
12
300
mV
VI=20V to 30V, IO=200mA
3
150
Ripple Rejection
VI=18V to 28.5V, f=120KHz
0℃ to 125℃
53
70
dB
Output Regulation
IO=5mA to 500mA
25℃
25
300
mV
IO=5mA to 200mA
10
150
Temperature Coefficient of output
Voltage
IO=5mA
0℃ to 125℃
-1.0
mV/℃
Output Noise Voltage
f=10Hz to 100KHz
25℃
90
uV
Dropout Voltage
25℃
2.0
V
Bias Current
25℃
4.7
8
mA
Bias Current Change
VI=17.5V to 30V,IO=200mA
0℃ to 125℃
0.8
mA
IO=5mA to 350mA
0.5
Short Circuit Output Current
25℃
240
mA
Peak Output Current
25℃
0.8
A


Similar Part No. - EC7806MNA2R

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC7 ECLIPTEK-EC7 Datasheet
126Kb / 3P
   CRYSTAL
logo
GREATECS
EC7 GREATECS-EC7 Datasheet
1Mb / 12P
   12 mm Insulated Shaft Rotary Encoder with LED
logo
Ecliptek Corporation
EC7-20-35.000M ECLIPTEK-EC7-20-35.000M Datasheet
126Kb / 3P
   CRYSTAL
EC7-20-35000M ECLIPTEK-EC7-20-35000M Datasheet
126Kb / 3P
   CRYSTAL
EC7-35.000M ECLIPTEK-EC7-35.000M Datasheet
126Kb / 3P
   CRYSTAL
More results

Similar Description - EC7806MNA2R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78M00 PANASONIC-AN78M00 Datasheet
70Kb / 9P
   3-pin Positive Output Voltage Regulators 500mA Type
AN7800R PANASONIC-AN7800R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com