Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4735 Datasheet(PDF) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 1N4735
Description  ZENER DIODES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N4735 Datasheet(HTML) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1N4735 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4735 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4735 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4735 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4735 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4735 Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4735 Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4735 Datasheet HTML 8Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4735 Datasheet HTML 9Page - Zibo Seno Electronic Engineering Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
5
Zener Diodes 1W
1N4728/SZ103D to 1N4764/SZ10E0, DO-41/SMA
DO-41
SMA
Dim
Millimeters
Inches
Min
Max
Min
Max
A
25.4
---
1.000
---
B
4.20
5.20
0.165
0.205
C
0.70
0.90
0.028
0.034
D
2.00
2.70
0.080
0.107
Dim
Millimeters
Inches
Min
Max
Min
Max
A
3.99
4.50
0.157
0.177
B
2.54
2.79
0.100
0.110
C
1.25
1.65
0.049
0.065
D
0.152
0.305
0.006
0.012
E
4.93
5.28
0.194
0.208
F
----
0.203
----
0.008
G
1.98
2.29
0.078
0.090
H
0.76
1.52
0.030
0.060
WWW.SENOCN.COM
Alldatasheet


Similar Part No. - 1N4735

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4735 SURGE-1N4735 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4735 JINANJINGHENG-1N4735 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Digitron Semiconductors
1N4735 DIGITRON-1N4735 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Semtech Corporation
1N4735 SEMTECH-1N4735 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Silicon Standard Corp.
1N4735 SSC-1N4735 Datasheet
173Kb / 3P
   Zener Diodes
More results

Similar Description - 1N4735

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com