Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4730 Datasheet(PDF) 5 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 1N4730
Description  ZENER DIODES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N4730 Datasheet(HTML) 5 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1N4730 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4730 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4730 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4730 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4730 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4730 Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4730 Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4730 Datasheet HTML 8Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4730 Datasheet HTML 9Page - Zibo Seno Electronic Engineering Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
6
Zener Diodes 1W
1SMA4728A to 1SMA4764, SMA
Nominal
Zener
Voltage
Test
Current
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Maximum DC
Zener
Current
Maximum
Surge
Current
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR @ VR
IZM
IRM(2)
Type No.
(V)
(mA)
(Ω)
(Ω)
(mA)
(uA)
(mA)
(mA)
(mApk)
1SMA4728A
3.3
76.0
10
400
1.0
100
1.0
276
1380
1SMA4729A
3.6
69.0
10
400
1.0
100
1.0
252
1260
1SMA4730A
3.9
58.0
9.0
400
1.0
50
1.0
234
1190
1SMA4731A
4.3
58.0
9.0
400
1.0
10
1.0
217
1070
1SMA4732A
4.7
53.0
8.0
500
1.0
10
1.0
193
970
1SMA4733A
5.1
49.0
7.0
500
1.0
10
1.0
178
890
1SMA4734A
5.6
45.0
5.0
500
1.0
10
2.0
162
810
1SMA4735A
6.2
41.0
2.0
700
1.0
10
3.0
146
730
1SMA4736A
6.8
37.0
3.5
700
1.0
50
4.0
133
660
1SMA4737A
7.5
34.0
4.0
700
0.5
50
5.0
121
605
1SMA4738A
8.2
31.0
4.5
700
0.5
50
6.0
110
550
1SMA4739A
9.1
28.0
5.0
700
0.5
50
7.0
100
500
1SMA4740A
10
25.0
7.0
700
0.25
50
7.6
91
454
1SMA4741A
11
23.0
8.0
700
0.25
50
8.4
83
414
1SMA4742A
12
21.0
9.0
700
0.25
5.0
9.1
76
380
1SMA4743A
13
19.0
10
700
0.25
5.0
9.9
69
144
1SMA4744A
15
17.0
14
700
0.25
5.0
11.4
61
305
1SMA4745A
16
15.5
16
700
0.25
5.0
12.2
57
285
1SMA4746A
18
14.0
20
750
0.25
5.0
13.7
50
250
1SMA4747A
20
12.5
22
750
0.25
5.0
15.2
45
225
1SMA4748A
22
11.5
23
750
0.25
5.0
16.7
41
205
1SMA4749A
24
10.5
25
750
0.25
5.0
18.2
38
190
1SMA4750A
27
9.5
35
750
0.25
5.0
20.6
34
170
1SMA4751A
30
8.5
40
1000
0.25
5.0
22.8
30
150
1SMA4752A
33
7.5
45
1000
0.25
5.0
25.1
27
135
1SMA4753A
36
7.0
50
1000
0.25
5.0
27.4
25
125
1SMA4754A
39
6.5
60
1000
0.25
5.0
29.7
23
115
1SMA4755A
43
6.0
70
1500
0.25
5.0
32.7
22
110
1SMA4756A
47
5.5
80
1500
0.25
5.0
35.8
19
95
1SMA4757A
51
5.0
95
1500
0.25
5.0
38.8
18
90
1SMA4758A
56
4.5
110
2000
0.25
5.0
42.6
16
80
1SMA4759A
62
4.0
125
2000
0.25
5.0
47.1
14
70
1SMA4760A
68
3.7
150
2000
0.25
5.0
51.7
13
65
1SMA4761A
75
3.3
175
2000
0.25
5.0
56.0
12
60
1SMA4762A
82
3.0
200
3000
0.25
5.0
62.2
11
55
1SMA4763A
91
2.8
2.5
3000
0.25
5.0
69.2
10
50
1SMA4764A
100
2.5
350
3000
0.25
5.0
76.0
9.0
45
SMA
Dim
Millimeters
Inches
Min
Max
Min
Max
A
3.99
4.50
0.157
0.177
B
2.54
2.79
0.100
0.110
C
1.25
1.65
0.049
0.065
D
0.152
0.305
0.006
0.012
E
4.93
5.28
0.194
0.208
F
----
0.203
----
0.008
G
1.98
2.29
0.078
0.090
H
0.76
1.52
0.030
0.060
WWW.SENOCN.COM
Alldatasheet


Similar Part No. - 1N4730

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4730 SURGE-1N4730 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4730 JINANJINGHENG-1N4730 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Digitron Semiconductors
1N4730 DIGITRON-1N4730 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Semtech Corporation
1N4730 SEMTECH-1N4730 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Silicon Standard Corp.
1N4730 SSC-1N4730 Datasheet
173Kb / 3P
   Zener Diodes
More results

Similar Description - 1N4730

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com