Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BNC-SNRD-WSNA-FA Datasheet(PDF) 1 Page - DDK Ltd.

Part # BNC-SNRD-WSNA-FA
Description  BNC Isolated Receptacle(PCB Mounting)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC-SNRD-WSNA-FA Datasheet(HTML) 1 Page - DDK Ltd.

  BNC-SNRD-WSNA-FA Datasheet HTML 1Page - DDK Ltd. BNC-SNRD-WSNA-FA Datasheet HTML 2Page - DDK Ltd. BNC-SNRD-WSNA-FA Datasheet HTML 3Page - DDK Ltd. BNC-SNRD-WSNA-FA Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
BNC-RD series is an isolated BNC receptacle connector
for PCB mounting.
・The outer conductor and PCB are isolated by PBT resin
housing.
・The ground contact is installed along the outer conductor
and united with insulator adjacent to the contact.
・The tuning fork contact design for low cost.
・Horizontal and vertical mounting styles are available.
・The horizontal mounting height is 14.0mm from PCB
surface.
・Varieties of applications such as, computer, communication and medical equipment.
BNC-RD Series
BNC Isolated Receptacle(PCB Mounting)
RoHS
Compliant
RoHS
Compliant
Connector Style
Flange
Board Lock
Type
Thread Type
Straight Style
with Flange
Right Angle Style
Less Flange
×
with Flange
121226
Characteristic Impedance
Unmatched
Rated Voltage
500VAC(r.m.s.)
Dielectric Withstanding Voltage 1500V AC(r.m.s.) / 1 minute
Insulation Resistance
5000M Ω (min.) at 500V DC
Operating Temperature
-55 〜 +85℃
Item
Material / Finish
Housing
PBT(UL94V-0)
Outer Conductor
Zinc Alloy / Ni Plating
Contact(Socket)
Copper Alloy
Insulator
PBT(UL94V-0)
※ BNC-SFRD- □ P □□ -FA: Straight Style, Board Lock Type
※ BNC-LFRD- □ S □□ -FA: Right Angle Style, Thread Type
○:available
×:not available
FEATURE
SPECIFICATIONS
MATERIAL / FINISH
Unmatched
DIP
Lock Type
BNC
Characteristic
Impedance
Mounting
Type
Conforming
Standard
MIL-PRF-39012
BNC- □□ RD- □□□□ -FA
F:with Flange
N:without Flange
R : Receptacle
Deviation
FA: Lead Free
Contact Plating
A:Ag Plating
B:Au Plating
Panel Mounting Hex Nut, Lock Washer
A:with Hex Nut, Lock Washer
N:without Hex Nut, Lock Washer
P:Board Lock
S:Thread (Attached)
Houing Color
B:Black
W:White
L:Right Angle
S:Straight
Lock Washer Hex Nut
Pan-head
Screw
Hex Nut
*Option
*Attached
Panel Mounting Fitting
PCB Mounting Fitting


Similar Part No. - BNC-SNRD-WSNA-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC-SNRD-WSAA-FA DDK-BNC-SNRD-WSAA-FA Datasheet
234Kb / 4P
   BNC Isolated Receptacle(PCB Mounting)
BNC-SNRD-WSAB-FA DDK-BNC-SNRD-WSAB-FA Datasheet
234Kb / 4P
   BNC Isolated Receptacle(PCB Mounting)
BNC-SNRD-WSBA-FA DDK-BNC-SNRD-WSBA-FA Datasheet
234Kb / 4P
   BNC Isolated Receptacle(PCB Mounting)
BNC-SNRD-WSBB-FA DDK-BNC-SNRD-WSBB-FA Datasheet
234Kb / 4P
   BNC Isolated Receptacle(PCB Mounting)
More results

Similar Description - BNC-SNRD-WSNA-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC-RD DDK-BNC-RD Datasheet
234Kb / 4P
   BNC Isolated Receptacle(PCB Mounting)
logo
Winchester Electronics ...
SD754-21-5 WINCHESTER-SD754-21-5 Datasheet
72Kb / 1P
   RECEPTACLE, ISOLATED GROUND, BNC
SD754-36-9 WINCHESTER-SD754-36-9 Datasheet
55Kb / 1P
   RECEPTACLE, ISOLATED GROUND, BNC
logo
Vitesse Semiconductor C...
SD754-36-9 VITESSE-SD754-36-9 Datasheet
55Kb / 1P
   RECEPTACLE, ISOLATED GROUND, BNC
SD754-21-5 VITESSE-SD754-21-5 Datasheet
72Kb / 1P
   RECEPTACLE, ISOLATED GROUND, BNC
logo
Winchester Electronics ...
SDKC-79-125 WINCHESTER-SDKC-79-125 Datasheet
53Kb / 1P
   RECEPTACLE, PANEL, ISOLATED GROUND, BNC
logo
Amphenol Corporation
031-10-RFXG1 AMPHENOL-031-10-RFXG1 Datasheet
116Kb / 1P
   BNC BULKHEAD RECEPTACLE ISOLATED JACK
logo
Amphenol RF.
31-10-RFXG1 RF-31-10-RFXG1 Datasheet
104Kb / 1P
   BNC BULKHEAD RECEPTACLE ISOLATED JACK
04/13/00
logo
DDK Ltd.
31-10-CF DDK-31-10-CF Datasheet
730Kb / 2P
   BNC (Isolated) Style Connector (Panel Mounting Type)
31 DDK-31 Datasheet
399Kb / 2P
   BNC (Isolated) Style Connector (Panel Mounting Type)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com