Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM9V1 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # ZMM9V1
Description  500mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

ZMM9V1 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  ZMM9V1 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd ZMM9V1 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd ZMM9V1 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ZMM2V4 - ZMM75
ZMM2V4 - ZMM75
500mW SURFACE MOUNT ZENER DIODE
Features
·
Case: MiniMELF, Glass
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Approx. Weight: 0.05 grams
Mechanical Data
Maximum Ratings
Notes:
1. Tested with Pulses, tp = 20ms.
2. Valid provided that Electrodes are kept at Ambient Temperature.
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
Pd
500
mW
Forward Voltage @ IF = 200mA
VF
1.5
V
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
300
K/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +175
°C
·
Planar Die Construction
·
Sealed Glass Case
·
Ideally Suited for Automated Insertion
·
2.4V - 75V Nominal Zener Voltages
@ TA = 25°C unless otherwise specified
MiniMELF
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
C
A
B
1 of 3
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Lead Free: For RoHS / Lead Free Version
·
Alldatasheet


Similar Part No. - ZMM9V1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMM9V1 DIODES-ZMM9V1 Datasheet
59Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18005 Rev. H-3
logo
Shanghai Leiditech Elec...
ZMM9V1 LEIDITECH-ZMM9V1 Datasheet
592Kb / 4P
   MiniMELF case especially for automatic insertion
logo
SEMTECH ELECTRONICS LTD...
ZMM9V1 SEMTECH_ELEC-ZMM9V1 Datasheet
456Kb / 8P
   SILICON PLANAR ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZMM9V1 PACELEADER-ZMM9V1 Datasheet
268Kb / 8P
   SURFACE MOUNT ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
ZMM9V1 HTSEMI-ZMM9V1 Datasheet
1Mb / 8P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM9V1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Won-Top Electronics
BZT52C11 WTE-BZT52C11 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com