Electronic Components Datasheet Search |
|
BNC75-PJ-1.5CV-CR2-CF Datasheet(PDF) 5 Page - DDK Ltd. |
|
BNC75-PJ-1.5CV-CR2-CF Datasheet(HTML) 5 Page - DDK Ltd. |
5 / 9 page http://www.ddknet.co.jp BNC75 Series ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. ○Assembly Instruction(1) Heat-shrinkable tube Ferule Sleeve Insulator Contact Body 15 Outer Conductor Sheath Cable Heat-shrinkable tube Inserting Too for Sleeve 20 min. Insulator Ferule Sleeve Insulator Center Conductor (Pre-soldering) Insulator 7.2 3.5 Contact No gap Insulator Soldering Heat-shrinkable tube Push into sleeve on this side Heat-shrinkable tube Ferule Sleeve Insulator Contact Body 15 Outer Conductor Sheath Cable Heat-shrinkable tube Inserting Too for Sleeve 20 min. Insulator Ferule Sleeve Insulator Center Conductor (Pre-soldering) Insulator 7.2 3.5 Contact No gap Insulator Soldering Heat-shrinkable tube Push into sleeve on this side Heat-shrinkable tube Ferule Sleeve Insulator Contact Body 15 Outer Conductor Sheath Cable Heat-shrinkable tube Inserting Too for Sleeve 20 min. Insulator Ferule Sleeve Insulator Center Conductor (Pre-soldering) Insulator 7.2 3.5 Contact No gap Insulator Soldering Heat-shrinkable tube Push into sleeve on this side ① ② ③ ④ ⑤ ⑥ ⑦ ① Insert the heat-shrinkable tube into the cable and cut the cable as fig.1. Please be carefule to not damage the outer conductor. ② Insert the ferule from the end of outer conductor to the sheath. Spread the top of outer conductor and insert the sleeve between insulator and outer conductor. To push the sleeve into the cable, please refer to the tool as fig.2. And cut the outer conductor along the sleeve. ③ Cut the insulator and center conductor as fig.3. Cut the center conductor after pre-soldering. ④ Insert the insulator and solder the center conductor and contact. Pre-solder the contact. Shave the extra solder from the contact along the round of contact. ⑤ Inser above cable into the body . And insert the contact. ⑥ Crimping position is as fig.6. ⑦ Cover the heat-shrinkable tube on the root of the connector body and heat up the tube. Part Number Crimp Tool BNC75-P-2.5CW-CR10B-CF CR-H-1105 BNC75-P-3CW-CR10B-CF CR-H-1132 5 Parts Configulration |
Similar Part No. - BNC75-PJ-1.5CV-CR2-CF |
|
Similar Description - BNC75-PJ-1.5CV-CR2-CF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |