Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BNC75-P-5C2W-CF Datasheet(PDF) 2 Page - DDK Ltd.

Part # BNC75-P-5C2W-CF
Description  75 廓 BNC Style Connector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC75-P-5C2W-CF Datasheet(HTML) 2 Page - DDK Ltd.

  BNC75-P-5C2W-CF Datasheet HTML 1Page - DDK Ltd. BNC75-P-5C2W-CF Datasheet HTML 2Page - DDK Ltd. BNC75-P-5C2W-CF Datasheet HTML 3Page - DDK Ltd. BNC75-P-5C2W-CF Datasheet HTML 4Page - DDK Ltd. BNC75-P-5C2W-CF Datasheet HTML 5Page - DDK Ltd. BNC75-P-5C2W-CF Datasheet HTML 6Page - DDK Ltd. BNC75-P-5C2W-CF Datasheet HTML 7Page - DDK Ltd. BNC75-P-5C2W-CF Datasheet HTML 8Page - DDK Ltd. BNC75-P-5C2W-CF Datasheet HTML 9Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Unit:mm
http://www.ddknet.co.jp
BNC75 Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
2
○ Straight Cable Plug
Part Number
Applicable
Cable
φA
Finish
Assembly
Insutruction Crimp Tool
Outer
Conductor
Center
Conductor
BNC75-P-1.5CQEW-CF
1.5C-2W
5.50
Ni
Au
CR-H-1100
1.5C-QEW
BNC75-P-2.5CW-CR10B-CF
2.5C-XW
6.25
Ni
Au
1
CR-H-1105
2.5C-2W
BNC75-P-3CW-CR10B-CF
3C-2W
7.90
Ni
Au
1
CR-H-1132
3C-2WS
Part Number
Applicable
Cable
φA
Finish
Assembly
Instruction
Outer
Conductor
Center
Conductor
BNC75-SP-3C2V-CR1-DA1
3C-2V
6.5
Ni
Au
Part Number
Applicable
Cable
φA
Finish
Assembly
Instruction
Outer
Conductor
Center
Conductor
BNC75-P-5-CF
5C-2V
37
Ag
Ag
BNC75-P-5C2W-CF
5C-2W
37
Ni
Ag
3
BNC75-SP-5CFB-CF
5C-FB
39
Ni
Ag
Part Number
Applicable Cable
Finish
Assembly
Instruction Crimp Tool
Outer
Conductor
Center
Conductor
BNC75-SP-1.5CCA-EXBV-CF
1.5CCA-EXBV
Ni
Au
CR-H-1101
○ Straight Cable Jack
Part Number
Applicable Cable
Finish
Assembly
Instruction Crimp Tool
Outer
Conductor
Center
Conductor
BNC75-J-2.5C2W-CR10A-CF
2.5C-XW
Ni
Au
CR-H-1105
2.5C-2W
26.3
32.5
30
A
29
33.2
18
2
L
14.0
2.3
17.5
12.7
12.7±0.05
φA
+0.1
0
4-φ3.1
+0.1
0
17.5
12.7
L
15.8
2.3
4-φ3.1
+0.1
0
φ11.5
+0.1
0
4-φ3.1
4-φ3
12.7±0.05
4-φ3.1
17.5
12.7
15.8
2.3
26.3
12.7±0.05
φ9.0
+0.1
0
4-φ3.0
+0.1
0
26.3
32.5
30
A
29
33.2
18
2
L
14.0
2.3
17.5
12.7
12.7±0.05
φA
+0.1
0
4-φ3.1
+0.1
0
17.5
12.7
L
15.8
2.3
4-φ3.1
+0.1
0
φ11.5
+0.1
0
4-φ3.1
4-φ3
12.7±0.05
4-φ3.1
17.5
12.7
15.8
2.3
26.3
12.7±0.05
φ9.0
+0.1
0
4-φ3.0
+0.1
0
26.3
32.5
30
A
29
33.2
18
2
L
14.0
2.3
17.5
12.7
12.7±0.05
φA
+0.1
0
4-φ3.1
+0.1
0
17.5
12.7
L
15.8
2.3
4-φ3.1
+0.1
0
φ11.5
+0.1
0
4-φ3.1
4-φ3
12.7±0.05
4-φ3.1
17.5
12.7
15.8
2.3
26.3
12.7±0.05
φ9.0
+0.1
0
4-φ3.0
+0.1
0
26.3
32.5
30
A
29
33.2
18
2
L
14.0
2.3
17.5
12.7
12.7±0.05
φA
+0.1
0
4-φ3.1
+0.1
0
17.5
12.7
L
15.8
2.3
4-φ3.1
+0.1
0
φ11.5
+0.1
0
4-φ3.1
4-φ3
12.7±0.05
4-φ3.1
17.5
12.7
15.8
2.3
26.3
12.7±0.05
φ9.0
+0.1
0
4-φ3.0
+0.1
0
26.3
32.5
30
A
29
33.2
18
2
L
14.0
2.3
17.5
12.7
12.7±0.05
φA
+0.1
0
4-φ3.1
+0.1
0
17.5
12.7
L
15.8
2.3
4-φ3.1
+0.1
0
φ11.5
+0.1
0
4-φ3.1
4-φ3
12.7±0.05
4-φ3.1
17.5
12.7
15.8
2.3
26.3
12.7±0.05
φ9.0
+0.1
0
4-φ3.0
+0.1
0


Similar Part No. - BNC75-P-5C2W-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC75-P-5C2W DDK-BNC75-P-5C2W Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
More results

Similar Description - BNC75-P-5C2W-CF

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6746A POMONA-6746A Datasheet
234Kb / 2P
   BNC (M) Compression Style, 75 廓
logo
DDK Ltd.
27CP-P-1.5-CF DDK-27CP-P-1.5-CF Datasheet
786Kb / 5P
   75 廓 SMB Style Coaxial Connector
logo
Pomona Electronics
7042 POMONA-7042 Datasheet
264Kb / 2P
   BNC (M) Crimp 75 廓
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
logo
Amphenol Corporation
031-80104 AMPHENOL-031-80104 Datasheet
5Mb / 6P
   High Performance 75 廓 BNC
logo
Pomona Electronics
6752A POMONA-6752A Datasheet
234Kb / 2P
   BNC (M) Crimp Type, 75 廓
logo
Neutrik AG
NADITBNC-M NEUTRIK-NADITBNC-M Datasheet
223Kb / 2P
   Female BNC 75 廓 input - male XLR chassis connector 110 廓 output.
logo
Rosenberger Hochfrequen...
53S171-K00N3 ROSENBERGER-53S171-K00N3 Datasheet
178Kb / 2P
   MATCHING ATTENUATOR N 50廓 PLUG ??BNC 75廓 JACK
logo
DDK Ltd.
BNC-P-3-CF DDK-BNC-P-3-CF Datasheet
435Kb / 15P
   BNC Style Connector
logo
Samtec, Inc
SAM9471-ND SAMTEC-SAM9471-ND Datasheet
322Kb / 1P
   75 廓 HD-BNC??TO 12 GH z
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com