Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRD360RL Datasheet(PDF) 5 Page - ON Semiconductor

Part # MBRD360RL
Description  SWITCHMODE Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRD360RL Datasheet(HTML) 5 Page - ON Semiconductor

  MBRD360RL Datasheet HTML 1Page - ON Semiconductor MBRD360RL Datasheet HTML 2Page - ON Semiconductor MBRD360RL Datasheet HTML 3Page - ON Semiconductor MBRD360RL Datasheet HTML 4Page - ON Semiconductor MBRD360RL Datasheet HTML 5Page - ON Semiconductor MBRD360RL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MBRD320, MBRD330, MBRD340, MBRD350, MBRD360
http://onsemi.com
5
Figure 4. Current Derating, Case
Figure 5. Current Derating, Ambient
Figure 6. Typical Capacitance
140
80
TC, CASE TEMPERATURE (°C)
8.0
7.0
5.0
6.0
4.0
TA, AMBIENT TEMPERATURE (°C)
100
160
0
2.0
1.0
0.5
0
60
0
VR, REVERSE VOLTAGE (VOLTS)
100
70
50
30
20
10
70
3.0
2.0
1.0
110
90
100
120
130
150
160
120
140
20
40
60
80
1.5
2.5
3.0
10
20
30
40
50
0
3.5
4.0
200
300
500
700
1 K
TJ = 25°C
RATED VOLTAGE APPLIED
TJ = 150°C
RqJC = 6°C/W
dc
SINE
WAVE
OR
SQUARE
WAVE
TJ = 150°C
TJ = 150°C
TJ = 125°C
RqJA = 80°C/W
SURFACE MOUNTED ON MIN.
PAD SIZE RECOMMENDED
SQUARE WAVE
OR
SINE WAVE
VR = 25 V
dc


Similar Part No. - MBRD360RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD360RLG ONSEMI-MBRD360RLG Datasheet
140Kb / 6P
   SWITCHMODE Power Rectifiers
January, 2012 ??Rev. 8
MBRD360RLG ONSEMI-MBRD360RLG Datasheet
63Kb / 6P
   Switch-mode Power Rectifiers
October, 2016 ??Rev. 9
More results

Similar Description - MBRD360RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com