Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG6KB80 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # UG6KB80
Description  6.0A BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

UG6KB80 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  UG6KB80 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd UG6KB80 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UG6KB05 – UG6KB100
0
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typical Fwd Characteristics
F
T = 150°C
J
T = 25°C
J
Pulse Width
= 300 µs
100
25
75
50
125
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
T = 150°c
Single Half
Sine Wave
(JEDEC Method)
j
1
10
100
110
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1MHz
j
0.01
0.1
1.0
10
100
1000
10,000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 125°C
j
T = 100°C
j
T = 25°C
j
T = 150°C
j
0
1.0
2.0
3.0
0
75
150
225
T, TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
UG6KB05 – UG6KB100
4.0
5.0
6.0
7.0
8.0
150
Alldatasheet


Similar Part No. - UG6KB80

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UG6KB80 GULFSEMI-UG6KB80 Datasheet
151Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
logo
Guangdong Juxing Electr...
UG6KB80 JUXING-UG6KB80 Datasheet
781Kb / 2P
   BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
UG6KB80 CHENDA-UG6KB80 Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
UG6KB80 DYELEC-UG6KB80 Datasheet
411Kb / 2P
   SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG6KB80 DYELEC-UG6KB80 Datasheet
931Kb / 3P
   SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UG6KB80

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
   6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
logo
Zibo Seno Electronic En...
6RS101M ZSELEC-6RS101M Datasheet
85Kb / 2P
   6.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC601 DIODES-PBPC601 Datasheet
53Kb / 2P
   6.0A BRIDGE RECTIFIER
DS21322 Rev. D-2
logo
Zibo Seno Electronic En...
UD6KBA05 ZSELEC-UD6KBA05 Datasheet
118Kb / 2P
   6.0A BRIDGE RECTIFIER
D6KB05 ZSELEC-D6KB05_V01 Datasheet
104Kb / 2P
   6.0A BRIDGE RECTIFIER
UR6KB05 ZSELEC-UR6KB05 Datasheet
118Kb / 2P
   6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M_V01 Datasheet
86Kb / 2P
   6.0A BRIDGE RECTIFIER
logo
Tiger Electronic Co.,Lt...
KBU600 TGS-KBU600 Datasheet
53Kb / 3P
   6.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC600 WTE-KBPC600 Datasheet
40Kb / 3P
   6.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBP601 ZSELEC-GBP601_V01 Datasheet
86Kb / 2P
   6.0A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com