Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG4KB05 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # UG4KB05
Description  4.0A BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

UG4KB05 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  UG4KB05 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd UG4KB05 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free: For RoHS / Lead Free Version
UG4KB05 – UG4KB100
MIL-STD-202, Method 208
MIL-STD-202, Method 208
Weight: 1.7 grams (approx.)
Polarity: As Marked on Body
Ideal for Printed Circuit Boards
High Surge Current Capability
Low Forward Voltage Drop
Case: Molded Plastic
4.0A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
!
High Current Capability
!
High Reliability
!
!
Mechanical Data
!
!
!
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
UG4K
B05
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 50°C
IO
4.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
80
A
Forward Voltage (per element)
@IF = 4.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Typical Thermal Resistance (Note 3)
RJA
35
K/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. Thermal resistance junction to ambient mounted on PC board with 12mm2 copper pad.
D3K
All Dimensions in mm
1 of 2
!
Z ibo Seno Electronic Engineering Co., Ltd.
Terminals: Plated Leads Solderable per
UG4K
B10
UG4K
B20
UG4K
B40
UG4K
B60
UG4K
B80
UG4K
B100
www.senocn.com
UG4KB05 – UG4KB100
1.05
V
Alldatasheet


Similar Part No. - UG4KB05

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UG4KB05 GULFSEMI-UG4KB05 Datasheet
160Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
logo
SMC Diode Solutions Co....
UG4KB05 SMCDIODE-UG4KB05 Datasheet
385Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
logo
WILLAS ELECTRONIC CORP
UG4KB05 WILLAS-UG4KB05 Datasheet
893Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
UG4KB05 JUXING-UG4KB05 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
UG4KB05 CHENDA-UG4KB05 Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - UG4KB05

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4A WTE-KBJ4A Datasheet
50Kb / 3P
   4.0A BRIDGE RECTIFIER
KBL400 WTE-KBL400 Datasheet
33Kb / 3P
   4.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UR4KB05 ZSELEC-UR4KB05 Datasheet
118Kb / 2P
   4.0A BRIDGE RECTIFIER
D4KB05 ZSELEC-D4KB05_V01 Datasheet
104Kb / 2P
   4.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBU400 WTE-KBU400 Datasheet
42Kb / 3P
   4.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBP4005 ZSELEC-GBP4005 Datasheet
58Kb / 2P
   4.0A BRIDGE RECTIFIER
D4KB05 ZSELEC-D4KB05 Datasheet
117Kb / 2P
   4.0A BRIDGE RECTIFIER
GBP401 ZSELEC-GBP401_V01 Datasheet
85Kb / 2P
   4.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBL406 DIODES-PBL406 Datasheet
67Kb / 2P
   4.0A BRIDGE RECTIFIER
DS21305 Rev. E-3
PBU401 DIODES-PBU401 Datasheet
70Kb / 2P
   4.0A BRIDGE RECTIFIER
DS21306 Rev. F-3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com