Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5562 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5562
Description  3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5562 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5562 Datasheet HTML 2Page - Analog Devices ADL5562 Datasheet HTML 3Page - Analog Devices ADL5562 Datasheet HTML 4Page - Analog Devices ADL5562 Datasheet HTML 5Page - Analog Devices ADL5562 Datasheet HTML 6Page - Analog Devices ADL5562 Datasheet HTML 7Page - Analog Devices ADL5562 Datasheet HTML 8Page - Analog Devices ADL5562 Datasheet HTML 9Page - Analog Devices ADL5562 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ADL5562
Data Sheet
Rev. F | Page 6 of 21
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (VCC)
3.6 V
VIP1, VIP2, VIN1, VIN2
VCC + 0.5 V
Internal Power Dissipation
310 mW
θJA
98.3°C/W
Maximum Junction Temperature
125°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION


Similar Part No. - ADL5562

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
ADL5562 AD-ADL5562 Datasheet
269Kb / 5P
   High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
REV. A
ADL5562-EVALZ AD-ADL5562-EVALZ Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
ADL5562ACPZ-R7 AD-ADL5562ACPZ-R7 Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
ADL5562ACPZ-WP AD-ADL5562ACPZ-WP Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
More results

Similar Description - ADL5562

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. A
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
   2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352 Datasheet
410Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. 0
ADL5561 AD-ADL5561_17 Datasheet
760Kb / 25P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com