Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC204 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC204
Description  SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC204 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC204 Datasheet HTML 6Page - Micrel Semiconductor MIC204 Datasheet HTML 7Page - Micrel Semiconductor MIC204 Datasheet HTML 8Page - Micrel Semiconductor MIC204 Datasheet HTML 9Page - Micrel Semiconductor MIC204 Datasheet HTML 10Page - Micrel Semiconductor MIC204 Datasheet HTML 11Page - Micrel Semiconductor MIC204 Datasheet HTML 12Page - Micrel Semiconductor MIC204 Datasheet HTML 13Page - Micrel Semiconductor MIC204 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MIC2044/2045
Micrel
MIC2044/2045
10
October 2003
Functional Diagram
MIC2044/45
Bandgap
Reference
OSC
UVLO
5.3x
1x
VREF = 230mV
Current
Limit
Replica
Amp
+
+
VIN
ILIM
6
VOUT
9,12,14
VBIAS
8
VIN
7,11,13,16
/FAULT
3
GND
10
+
Gate
Control
UVLOIN 5
SLEW 4
EN 2
PGREF 15
Open
Load
Detect
ILIM
Delay
(32ms)
PWRGD 1
+
Error
Flag
Logic
Power-On
Reset
Input
Logic
Latch
(MIC2045)
Charge
Pump
Thermal
Shutdown
Power-Off
Reset


Similar Part No. - MIC204

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2040 MICREL-MIC2040 Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
MIC2040-1BMM MICREL-MIC2040-1BMM Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
MIC2040-1YMM MICREL-MIC2040-1YMM Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
MIC2040-2BMM MICREL-MIC2040-2BMM Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
MIC2040-2YMM MICREL-MIC2040-2YMM Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
More results

Similar Description - MIC204

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2042 MICREL-MIC2042 Datasheet
832Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2044 MICREL-MIC2044_05 Datasheet
718Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2040 MICREL-MIC2040 Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
logo
Exar Corporation
XRP2527 EXAR-XRP2527 Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
   Single-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
   Single-Channel Power Distribution Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
logo
Monolithic Power System...
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62170 MPS-MP62170 Datasheet
366Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com