Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR860G Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MBR860G
Description  8.0 A SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MBR860G Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MBR860G Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MBR860G Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28
31
35
42
56
70
105
140
V
40
45
50
60
80
100
150
200
V
0.85
0.92
= 8A
V
MBR840G-MBR8200G
1 of 2
°C/W
pF
0.60
V
880G
Characteristic
Symbol
8.0 A SCHOTTKY BARRIER DIODE
Features
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 75° C
(Note 1)
IO
8. 0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage
@IF
FM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.1
20
mA
Typical Junction Capacitance (Note 2)
Cj
Typical Thermal Resistance (Note 1)
RJA
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
840G
850G
860G
8100G
Units
0.70
350
280
200
15
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
8200G
150
845G
MBR840G-MBR8200G
-55 to +125
TO-263/D PAK
e: TO-263/D PAK, Molded Plastic
Mounting Position: Any
Polarity: See Diagram
erminals: Plated Leads Solderable per
Cas
Classification Rating 94V-O
Plastic Case Material has UL Flammability
Guard Ring Die Construction
For Use in Low Voltage Application
Low Power Loss, High Efficiency
Ideally Suited for Automatic Assembly
 
             
Mechanical Data
!
!
T
MIL-STD-202, Method 208
!
!
!
Lead Free: For RoHS / Lead Free Version
!
Schottky Barrier Chip
!
!
!
!
!
2
2
MBR
MBR
MBR
MBR
MBR
MBR
MBR
MBR
8150G
Alldatasheet


Similar Part No. - MBR860G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR860 DIODES-MBR860 Datasheet
64Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30030 Rev. B-4
logo
Rugao Dachang Electroni...
MBR860 DACHANG-MBR860 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
MBR860 SAMYANG-MBR860 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
MBR860 BILIN-MBR860 Datasheet
200Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
MBR860 GOOD-ARK-MBR860 Datasheet
348Kb / 7P
   Product Specification
More results

Similar Description - MBR860G

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SK840D ZSELEC-SK840D Datasheet
149Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
SK840P ZSELEC-SK840P Datasheet
164Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
MBR840 ZSELEC-MBR840 Datasheet
174Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
MBR840CD ZSELEC-MBR840CD Datasheet
148Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
MBR840CP ZSELEC-MBR840CP Datasheet
139Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
BD840CT ZSELEC-BD840CT Datasheet
147Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
MBRF840 ZSELEC-MBRF840 Datasheet
322Kb / 2P
   A SCHOTTKY BARRIER DIODE 8.0
BD840YS ZSELEC-BD840YS Datasheet
148Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
SB840DC ZSELEC-SB840DC Datasheet
147Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
BD840CS ZSELEC-BD840CS Datasheet
146Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com