Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBP3005 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # KBP3005
Description  3.0A BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

KBP3005 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  KBP3005 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd KBP3005 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typical Fwd Characteristics
F
T = 150°C
J
T = 25°C
J
Pulse Width
= 300 µs
0
80
20
60
40
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
T = 150°c
Single Half
Sine Wave
(JEDEC Method)
j
1
10
100
110
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1MHz
j
0.01
0.1
1.0
10
100
1000
10,000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 125°C
j
T = 100°C
j
T = 25°C
j
T = 150°C
j
0
1.0
2.0
3.0
0
75
150
225
T, TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
2 of 2
KBP3005 – KBP310
KBP3005 – KBP310
Alldatasheet


Similar Part No. - KBP3005

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBP3005 MCC-KBP3005 Datasheet
431Kb / 3P
   3 Amp Bridge Rectifier 50 to 1000 Volts
logo
Jiangsu High diode Semi...
KBP3005 HDSEMI-KBP3005 Datasheet
1Mb / 3P
   KBP Plastic-Encapsulate Bridge Rectifier
logo
SAMYANG ELECTRONICS CO....
KBP3005 SAMYANG-KBP3005 Datasheet
1Mb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBP3005 YANGJIE-KBP3005 Datasheet
270Kb / 2P
   SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Gaomi Xinghe Electronic...
KBP3005 GXELECTRONICS-KBP3005 Datasheet
390Kb / 2P
   VOLTAGE RANGE 50 TO 1000 VOL TS
More results

Similar Description - KBP3005

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
D3KB05 ZSELEC-D3KB05 Datasheet
117Kb / 2P
   3.0A BRIDGE RECTIFIER
GBP301 ZSELEC-GBP301_V01 Datasheet
85Kb / 2P
   3.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC301 DIODES-PBPC301 Datasheet
51Kb / 2P
   3.0A BRIDGE RECTIFIER
DS21345 Rev. C-2
logo
Zibo Seno Electronic En...
KBP301G ZSELEC-KBP301G Datasheet
338Kb / 2P
   3.0A BRIDGE RECTIFIER
3RS101M ZSELEC-3RS101M Datasheet
95Kb / 2P
   3.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC300 WTE-KBPC300 Datasheet
32Kb / 3P
   3.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBP301 ZSELEC-KBP301 Datasheet
338Kb / 2P
   3.0A BRIDGE RECTIFIER
UR3KB05 ZSELEC-UR3KB05 Datasheet
118Kb / 2P
   3.0A BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301 Datasheet
3Mb / 2P
   3.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBP301 ZSELEC-GBP301 Datasheet
58Kb / 2P
   3.0A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com