Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBP304 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # KBP304
Description  3.0A BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

KBP304 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  KBP304 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd KBP304 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MIL-STD-202, Method 208
Weight: 1.7 grams (approx.)
Polarity: As Marked on Body
Ideal for Printed Circuit Boards
High Surge Current Capability
Low Forward Voltage Drop
Case: Molded Plastic
KBP301 – KBP307
3.0A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
!
High Current Capability
!
High Reliability
!
!
Mechanical Data
!
!
Terminals: Plated Leads Solderable per
!
!
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBP
301
KBP
302
KBP
303
KBP
304
KBP
305
KBP
306
KBP
307
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 50°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage (per element)
@IF = 2.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5
500
µA
Typical Thermal Resistance (Note 3)
RJA
30
K/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. Thermal resistance junction to ambient mounted on PC board with 12mm2 copper pad.
1 of 2
KBP301 – KBP307
!
Lead Free: For RoHS / Lead Free Version
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
B
~
~
+
C
G
KBP
Dim
Min
Max
A
14.22
15.24
B
10.60
11.68
C
15.20
D
3.40
4.20
E
3.60
4.10
G
0.70
0.9
I
1.52
J
11.68
12.70
K
12.7
L
3.2 x 45° Typical
All Dimensions in mm
A
L
J
K
I
H
D
1.27
H
-
E
Alldatasheet


Similar Part No. - KBP304

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBP304 MCC-KBP304 Datasheet
431Kb / 3P
   3 Amp Bridge Rectifier 50 to 1000 Volts
logo
ASEMI TECHNOLOGY., LTD
KBP304 ASEMI-KBP304 Datasheet
112Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Microdiode Electronics ...
KBP304 CHENDA-KBP304 Datasheet
627Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
KBP304 BYTESONIC-KBP304 Datasheet
610Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBP304 YANGJIE-KBP304 Datasheet
270Kb / 2P
   SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBP304

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
KBP3005 ZSELEC-KBP3005 Datasheet
338Kb / 2P
   3.0A BRIDGE RECTIFIER
D3KB05 ZSELEC-D3KB05 Datasheet
117Kb / 2P
   3.0A BRIDGE RECTIFIER
GBP301 ZSELEC-GBP301_V01 Datasheet
85Kb / 2P
   3.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC301 DIODES-PBPC301 Datasheet
51Kb / 2P
   3.0A BRIDGE RECTIFIER
DS21345 Rev. C-2
logo
Zibo Seno Electronic En...
KBP301G ZSELEC-KBP301G Datasheet
338Kb / 2P
   3.0A BRIDGE RECTIFIER
3RS101M ZSELEC-3RS101M Datasheet
95Kb / 2P
   3.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC300 WTE-KBPC300 Datasheet
32Kb / 3P
   3.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UR3KB05 ZSELEC-UR3KB05 Datasheet
118Kb / 2P
   3.0A BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301 Datasheet
3Mb / 2P
   3.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBP301 ZSELEC-GBP301 Datasheet
58Kb / 2P
   3.0A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com