Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBL608 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # KBL608
Description  6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

KBL608 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  KBL608 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd KBL608 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
!
Low Forward Voltage Drop
A
!
High Current Capability
!
High Reliability
!
High Surge Current Capability
B
C
!
Ideal for Printed Circuit Boards
+
~
~
-
                       
H
Mechanical Data
!
Case: Molded Plastic
J
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
E
G
!
Polarity: As Marked on Body
!
Weight: 5.6 grams (approx.)
!
Mounting Position: Any
D
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 75°C
IO
6.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
175
A
Forward Voltage (per element)
@IF = 3.0A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
5.0
1.0
µA
mA
Typical Thermal Resistance (Note 1)
RJC
16
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Thermal resistance junction to case per element mounted on PC board with 13.0x13.0x0.03mm thick land areas.
1 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
!
Lead Free: For RoHS / Lead Free Version
KBL6005 – KBL610
KBL6005 – KBL610
KBL
6005
KBL
601
KBL
602
KBL
604
KBL
606
KBL
608
KBL
610
KBL
Dim
Min
Max
A
18.50
19.50
B
13.70
14.70
C
15.20
16.30
D
4.0
6.00
E
4.60
5.60
G
—2.10
H
16.00
J
0.90 Ø
1.30 Ø
All Dimensions in mm
Alldatasheet


Similar Part No. - KBL608

ManufacturerPart #DatasheetDescription
logo
RFE international
KBL608 RFE-KBL608 Datasheet
341Kb / 2P
   BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
DONGGUAN YOU FENG WEI E...
KBL608 YFWDIODE-KBL608 Datasheet
459Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
SynSemi, Inc.
KBL608 SYNSEMI-KBL608 Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
First Silicon Co., Ltd
KBL608 FS-KBL608 Datasheet
1Mb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volta , Forward Current 6.0 Ampere
logo
Microdiode Electronics ...
KBL608 CHENDA-KBL608 Datasheet
815Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBL608

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBU6A WTE-GBU6A Datasheet
47Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
GBJ6005 YEASHIN-GBJ6005 Datasheet
371Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBL601 ZSELEC-KBL601 Datasheet
84Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBU610 SHUNYE-GBU610 Datasheet
147Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ6A ZSELEC-GBJ6A Datasheet
72Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS6005M ZSELEC-RS6005M Datasheet
114Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS605 ZSELEC-HBS605 Datasheet
120Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS601M ZSELEC-RS601M Datasheet
111Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBJ6005G DIODES-KBJ6005G Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21207 Rev. F-2
GBU6005 DIODES-GBU6005_1 Datasheet
67Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. 7 - 2
logo
Zibo Seno Electronic En...
KBL601G ZSELEC-KBL601G Datasheet
84Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com