Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC273AN Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC273AN
Description  OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC273AN Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC273AN Datasheet HTML 1Page - ON Semiconductor MC74HC273AN Datasheet HTML 2Page - ON Semiconductor MC74HC273AN Datasheet HTML 3Page - ON Semiconductor MC74HC273AN Datasheet HTML 4Page - ON Semiconductor MC74HC273AN Datasheet HTML 5Page - ON Semiconductor MC74HC273AN Datasheet HTML 6Page - ON Semiconductor MC74HC273AN Datasheet HTML 7Page - ON Semiconductor MC74HC273AN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74HC273A
http://onsemi.com
4
TIMING REQUIREMENTS (CL = 50 pF, Input tr = tf = 6.0 ns)
Guaranteed Limit
VCC
– 55 to 25
_C
v 85_C
v 125_C
Symbol
Parameter
Fig.
VCC
Volts
Min
Max
Min
Max
Min
Max
Unit
tsu
Minimum Setup Time, Data to Clock
3
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
32
18
15
ns
th
Minimum Hold Time, Clock to Data
3
2.0
3.0
4.5
6.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
ns
trec
Minimum Recovery Time, Reset Inactive to
Clock
2
2.0
3.0
4.5
6.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Clock
1
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
32
18
15
ns
tw
Minimum Pulse Width, Reset
2
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
32
18
15
ns
tr, tf
Maximum Input Rise and Fall Times
1
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns


Similar Part No. - MC74HC273AN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC273AN MOTOROLA-MC74HC273AN Datasheet
111Kb / 7P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HC273AN ONSEMI-MC74HC273AN Datasheet
138Kb / 10P
   Octal D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC273ANG ONSEMI-MC74HC273ANG Datasheet
138Kb / 10P
   Octal D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC273ANG ONSEMI-MC74HC273ANG Datasheet
155Kb / 9P
   Octal D Flip-Flop with Common Clock and Reset
May, 2011 ??Rev. 13
More results

Similar Description - MC74HC273AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
Integral Corp.
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
KODENSHI_AUK CORP.
KK74AC273 KODENSHI-KK74AC273 Datasheet
283Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
Motorola, Inc
MC54HC273A MOTOROLA-MC54HC273A Datasheet
111Kb / 7P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
System Logic Semiconduc...
SL74HC273 SLS-SL74HC273 Datasheet
49Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset
logo
Integral Corp.
IN74HC273A INTEGRAL-IN74HC273A Datasheet
148Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HC273A ONSEMI-MC74HC273A_11 Datasheet
155Kb / 9P
   Octal D Flip-Flop with Common Clock and Reset
May, 2011 ??Rev. 13
logo
KODENSHI_AUK CORP.
KK74LV273 KODENSHI-KK74LV273 Datasheet
337Kb / 7P
   Octal D Flip-Flop with Common Clock and Reset
logo
IK Semicon Co., Ltd
IN74AC273 IKSEMICON-IN74AC273 Datasheet
195Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC273A ONSEMI-MC74HC273A_15 Datasheet
96Kb / 8P
   Octal D Flip-Flop with Common Clock and Reset
October, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com