Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KPA Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # 15KPA
Description  Reverse Voltage: 17 to 280 V Peak Pulse Power: 15000 W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

15KPA Datasheet(HTML) 1 Page - E-CMOS Corporation

  15KPA Datasheet HTML 1Page - E-CMOS Corporation 15KPA Datasheet HTML 2Page - E-CMOS Corporation 15KPA Datasheet HTML 3Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage: 17 to 280 V
Peak Pulse Power: 15000 W
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 3
4G09N-Rev. F001
15KPA Series
Features
◆ Glass passivated chip
◆ 1
5000 W peak pulse power capability with a 10/1000 μs
waveform, repetitive rate (duty cycle):0.01 %
◆ Low leakage
◆ Uni and Bidirectional unit
◆ Excellent clamping capability
◆ Very fast response time
◆ RoHS compliant
Mechanical Data
◆ Case: Molded plastic
◆ Epoxy: UL 94V-0 rate flame retardant
◆ Lead: Solderable per MIL-STD-202, method 208 guranteed
◆ Polarity: Color band denotes cathode end except Bipolar
◆ Mounting position: Any
Maximum Ratings(TA=25℃ unless otherwise noted)
Note:
(1)Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1
(2)Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
Parameter
Symbol
Value
UNIT
Peak power dissipation with a
10/1000μs waveform(1)
PPP
15000
W
Peak pulse current wih a
10/1000μs waveform(1)
IPP
See Next Table
A
Power dissipation on infinite heatsink at TL = 75 °C
PD
8.0
W
Peak forward surge current, 8.3 ms single half sine-wave
unidirectional only
(2)
IFSM
500
A
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
Axial Lead Transient Voltage
Suppressors


Similar Part No. - 15KPA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
   POWER TVS COMPONENT
logo
Weitron Technology
15KPA WEITRON-15KPA Datasheet
231Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
15KPA MERITEK-15KPA Datasheet
281Kb / 4P
   Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
15KPA RUILON-15KPA Datasheet
877Kb / 7P
   Transient Voltage Suppressors
logo
StarHope
15KPA SPSEMI-15KPA Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
More results

Similar Description - 15KPA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
15KW LRC-15KW Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
StarHope
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
15KP17A MCC-15KP17A Datasheet
217Kb / 3P
   15000 Watts Transient Voltage Suppressor 17 to 280 Volt
logo
Pan Jit International I...
15KP PANJIT-15KP Datasheet
63Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
5.0SMDJ E-CMOS-5.0SMDJ Datasheet
417Kb / 5P
   Working Voltage: 11 to 440 V Peak Pulse Power: 5000 W
SMAJ E-CMOS-SMAJ Datasheet
818Kb / 5P
   Working Voltage: 3.3 to 440 V Peak Pulse Power: 400 W
5KP E-CMOS-5KP Datasheet
372Kb / 5P
   Breakdown Voltage: 6.8 to 440 V Peak Pulse Power: 5000 W
SMBJ E-CMOS-SMBJ Datasheet
969Kb / 5P
   Working Voltage: 5.0 to 440 V Peak Pulse Power: 600 W
SMCJ E-CMOS-SMCJ Datasheet
761Kb / 5P
   Working Voltage: 5.0 to 440 V Peak Pulse Power: 1500 W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com