Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC997A8 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MAC997A8
Description  SENSITIVE GATE TRACS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC997A8 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MAC997A8 Datasheet HTML 4Page - ON Semiconductor MAC997A8 Datasheet HTML 5Page - ON Semiconductor MAC997A8 Datasheet HTML 6Page - ON Semiconductor MAC997A8 Datasheet HTML 7Page - ON Semiconductor MAC997A8 Datasheet HTML 8Page - ON Semiconductor MAC997A8 Datasheet HTML 9Page - ON Semiconductor MAC997A8 Datasheet HTML 10Page - ON Semiconductor MAC997A8 Datasheet HTML 11Page - ON Semiconductor MAC997A8 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MAC997 Series
http://onsemi.com
8
ORDERING & SHIPPING INFORMATION: MAC97 Series packaging options, Device Suffix
U.S.
Europe
Equivalent
Shipping
Description of TO92 Tape Orientation
MAC997A6RL1, A8RL1
MAC997B6RL1, B8RL1
Radial Tape and Reel (2K/Reel)
Flat side of TO92 and adhesive tape visible
MAC997A6,A8
MAC997B6,B8
Bulk in Box (5K/Box)
N/A, Bulk
MAC997A6RLRP,
A8RLRP
MAC997B6RLRP,
B8RLRP
Radial Tape and Fan Fold Box
(2K/Box)
Round side of TO92 and adhesive tape
visible


Similar Part No. - MAC997A8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC997A8 ONSEMI-MAC997A8 Datasheet
147Kb / 11P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
March, 2006??Rev. 3
MAC997A8RL1 ONSEMI-MAC997A8RL1 Datasheet
147Kb / 11P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
March, 2006??Rev. 3
MAC997A8RLRP ONSEMI-MAC997A8RLRP Datasheet
147Kb / 11P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
March, 2006??Rev. 3
More results

Similar Description - MAC997A8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
   SENSITIVE GATE SCR
logo
NXP Semiconductors
BT134W PHILIPS-BT134W Datasheet
56Kb / 7P
   Triacs sensitive gate
September 1997 Rev 1.200
BT136B PHILIPS-BT136B Datasheet
49Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.100
BT138 PHILIPS-BT138 Datasheet
47Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
BT138X PHILIPS-BT138X Datasheet
51Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
BT139X PHILIPS-BT139X Datasheet
49Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
BTA151 PHILIPS-BTA151 Datasheet
43Kb / 6P
   Thyristors sensitive gate
September 1997 Rev 1.200
logo
Kersemi Electronic Co.,...
BTB08-800BW KERSEMI-BTB08-800BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
BTB04-600SL KERSEMI-BTB04-600SL Datasheet
1Mb / 5P
   SENSITIVE GATE TRIACS
BTA08-800BW KERSEMI-BTA08-800BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com