Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELP5209XNB2R Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # ELP5209XNB2R
Description  Power Loading Switches With Flag/Adj.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ELP5209XNB2R Datasheet(HTML) 1 Page - E-CMOS Corporation

  ELP5209XNB2R Datasheet HTML 1Page - E-CMOS Corporation ELP5209XNB2R Datasheet HTML 2Page - E-CMOS Corporation ELP5209XNB2R Datasheet HTML 3Page - E-CMOS Corporation ELP5209XNB2R Datasheet HTML 4Page - E-CMOS Corporation ELP5209XNB2R Datasheet HTML 5Page - E-CMOS Corporation ELP5209XNB2R Datasheet HTML 6Page - E-CMOS Corporation ELP5209XNB2R Datasheet HTML 7Page - E-CMOS Corporation ELP5209XNB2R Datasheet HTML 8Page - E-CMOS Corporation ELP5209XNB2R Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ELPW5209
E-CMOS Corp. (www.ecmos.com.tw)
5K18N-Rev. F001
Power Loading Switches With Flag/Adj.
1/10
General Description
The ELPW5209 is an integrated 90m
power switch for self-powered and bus powered Universal Series Bus(USB)
applications. Abuilt-in charge pump is used to drive the N-Channel MOSFET that is free of parasitic body diode to
eliminate any reversed current flow across the switch when it is powered off. It’s low quiescent current(16µA) and
small package (SOT-23-5) is particularly suitable in battery-powered portable equipment. Several protection
functions include soft start to limit inrush current during plug-in, current limiting at set to meet power requirement,
and thermal shutdown to protect damage under over current conditions.
Features
90m Low Rdson, High-side NMOSFET
Guaranteed 2.95ª Continuous Current
2.5V to 6V Input Voltage
Low Quiescent Current:16uA
Soft Start Function
Built-In Short-Circuit Protection
Built-in Thermal Protection
RoHS Compliant and 100% Lead(Pb) -Free
Applications
◆ Power Switch
◆ USB Device
◆ Battery Charger Circuits
Pin Assignments
SOT23-5L:
ELP5209B~H
ELP5209A


Similar Part No. - ELP5209XNB2R

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
ELP HAMMOND-ELP Datasheet
69Kb / 2P
   Electronic Locking Handle with Proximity
logo
Greystone Energy System...
ELP GREYSTONE-ELP Datasheet
573Kb / 2P
   LOW PRESSURE TRANSMITTER
logo
Leadshine Technology Co...
ELP LEADSHINE-ELP Datasheet
668Kb / 7P
   ELP Series AC Servo Drive
logo
EPIGAP optoelectronic G...
ELP-645-013 EPIGAP-ELP-645-013 Datasheet
273Kb / 2P
   LED - Lamp
logo
Mean Well Enterprises C...
ELP-75 MEANWELL-ELP-75 Datasheet
731Kb / 2P
   75W Single Output with PFC Function
More results

Similar Description - ELP5209XNB2R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US201 UTC-US201 Datasheet
256Kb / 6P
   POWER SWITCHES WITH FLAG
US201-A-B-C UTC-US201-A-B-C Datasheet
219Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_18 Datasheet
268Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US201C UTC-US201C Datasheet
277Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US211 UTC-US211 Datasheet
291Kb / 8P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US223 UTC-US223 Datasheet
217Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_15 Datasheet
254Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US201 UTC-US201_12 Datasheet
273Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US211C UTC-US211C Datasheet
297Kb / 9P
   HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Aimtron Technology
AT1601 AIMTRON-AT1601 Datasheet
654Kb / 8P
   USB High-Side Power Switches with Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com