Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECT05W5NNB8R Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # ECT05W5NNB8R
Description  TVS Diode Array for Latch up Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT05W5NNB8R Datasheet(HTML) 2 Page - E-CMOS Corporation

  ECT05W5NNB8R Datasheet HTML 1Page - E-CMOS Corporation ECT05W5NNB8R Datasheet HTML 2Page - E-CMOS Corporation ECT05W5NNB8R Datasheet HTML 3Page - E-CMOS Corporation ECT05W5NNB8R Datasheet HTML 4Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TVS Diode Array
for Latch up Protection
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 4
4D16N-Rev. P001
ECTXXW5
Ordering Information
ECT XX W5NN XX X
Device Characteristics
MAXIMUM RATINGS (@ 25
Unless Otherwise Specified)
PARAMETER
SYMBOL
VALUE
UNITS
Peak Pulse Power (tp=8/20µs waveform)
PPP
100
Watts
Lead Soldering Temperature
TL
260 (10 sec.)
Operating Temperature Range
TJ
-55 ~ 150
Storage Temperature Range
TSTG
-55 ~ 150
ELECTRICAL CHARACTERISTICS PER LINE (@ 25
Unless Otherwise Specified)
PART NUMBER
DEVICE
MARKING
VRWM
(V)
(max.)
VB
(V)
(min.)
IT
(mA)
VC
@1A
(max.)
VC
(max.)
(@A)
IR
(µA)
(max.)
CT
(pF)
(typ.)
ECT33W5NNB8R
WB
3.0
4.5
1
8.0
15.3
4
5
40
ECT05W5NNB8R
WE
5
6
1
9.8
18.5
3
2
30
ECT12W5NNB8R
WH
12
13.3
1
17
21.0
2
1
25
R:Tape & Reel
B8:SOT353
Working Voltage:
33 = 3.3V
05 = 5.0V
12 = 12 V


Similar Part No. - ECT05W5NNB8R

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ECT ECE-ECT Datasheet
191Kb / 3P
   SPLICING CONNECTOR FOR TELECOMMUNICATION
logo
Ecliptek Corporation
ECT-20-30.000M-GA ECLIPTEK-ECT-20-30.000M-GA Datasheet
109Kb / 3P
   CRYSTAL
ECT-20-30.000M-GTR ECLIPTEK-ECT-20-30.000M-GTR Datasheet
109Kb / 3P
   CRYSTAL
ECT-20-30.000M-I2A ECLIPTEK-ECT-20-30.000M-I2A Datasheet
109Kb / 3P
   CRYSTAL
ECT-20-30.000M-I2TR ECLIPTEK-ECT-20-30.000M-I2TR Datasheet
109Kb / 3P
   CRYSTAL
More results

Similar Description - ECT05W5NNB8R

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSOT24C YEASHIN-YSOT24C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT12C YEASHIN-YSOT12C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT15C YEASHIN-YSOT15C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT05C-A YEASHIN-YSOT05C-A Datasheet
819Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT05C YEASHIN-YSOT05C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
TPD2E007DCKR LEIDITECH-TPD2E007DCKR Datasheet
334Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
Rev : 01.06.2014
logo
StarHope
TESD03G2U SPSEMI-TESD03G2U Datasheet
506Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
TESD03G2B SPSEMI-TESD03G2B Datasheet
459Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SMC15Q LEIDITECH-SMC15Q Datasheet
608Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com