Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECSD15U Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # ECSD15U
Description  General Purpose Un-directional TVS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECSD15U Datasheet(HTML) 1 Page - E-CMOS Corporation

  ECSD15U Datasheet HTML 1Page - E-CMOS Corporation ECSD15U Datasheet HTML 2Page - E-CMOS Corporation ECSD15U Datasheet HTML 3Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Un-directional TVS
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 3
4F13N-Rev. F001
ECSDxxU series
IEC Compliance
◆ IEC 61000-4-2 (ESD)
◆ 8KV - Contact Discharge
◆ 15KV - Air Discharge
◆ IEC 61000-4-4 (EFT) 40A (5/50ns)
Applications
DC Power Application
Embedded System
Handheld Device
Computer
Features
500W Peak Pulse Power
Low Clamping Voltage
Low Leakage Current
Single Line, Uni-Directional
Mechanical Characteristics
SOD-323 Package
Weight 5 Milligram (Approximate)
Flammability Rating UL94V-0
Lead Free Plating
Reel Size 7”
3,000 PCS Per Reel


Similar Part No. - ECSD15U

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECSD0402V12 E-CMOS-ECSD0402V12 Datasheet
157Kb / 4P
   ESD Protection Devices
ECSD0402V24 E-CMOS-ECSD0402V24 Datasheet
154Kb / 4P
   ESD Protection Devices
ECSD05U1 E-CMOS-ECSD05U1 Datasheet
206Kb / 3P
   ESD protection Diode
ECSD0603V05 E-CMOS-ECSD0603V05 Datasheet
131Kb / 4P
   ESD Protection Devices
ECSD0603V18 E-CMOS-ECSD0603V18 Datasheet
131Kb / 4P
   ESD Protection Devices
More results

Similar Description - ECSD15U

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU1271D1F-T APMICRO-AU1271D1F-T Datasheet
365Kb / 4P
   1-Line Un-directional TVS Diode
logo
Shenzhen Luguang Electr...
ESDB6.8SM9 LUGUANG-ESDB6.8SM9 Datasheet
1Mb / 2P
   Bi-Directional TVS
logo
Jinan Jingheng (Group) ...
ESD9D5C-2 JINANJINGHENG-ESD9D5C-2 Datasheet
148Kb / 2P
   Bi-Directional TVS
logo
Rectron Semiconductor
ESDLC5V0D3B RECTRON-ESDLC5V0D3B Datasheet
434Kb / 4P
   Bi-Directional TVS
ESDBKV5V0D3 RECTRON-ESDBKV5V0D3 Datasheet
160Kb / 4P
   BI-Directional TVS
logo
Pan Jit International I...
PJSD05CFN2 PANJIT-PJSD05CFN2 Datasheet
117Kb / 3P
   BI-DIRECTIONAL TVS
logo
Rectron Semiconductor
ESDLC15VD3B RECTRON-ESDLC15VD3B Datasheet
230Kb / 4P
   Bi-Directional TVS
2019-05/03 REV:O
logo
Jinan Jingheng (Group) ...
ESD9D5C JINANJINGHENG-ESD9D5C Datasheet
38Kb / 2P
   Bi-Directional TVS
logo
Shenzhen Luguang Electr...
ESDB5.0CM9 LUGUANG-ESDB5.0CM9 Datasheet
1Mb / 2P
   Bi-Directional TVS
logo
TECH PUBLIC Electronics...
TPE05GHC TECHPUBLIC-TPE05GHC Datasheet
1Mb / 4P
   Bl-directional TVS Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com