Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ANT5320LL14R1575A Datasheet(PDF) 2 Page - YAGEO Corporation

Part # ANT5320LL14R1575A
Description  WIRELESS COMPONENTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANT5320LL14R1575A Datasheet(HTML) 2 Page - YAGEO Corporation

  ANT5320LL14R1575A Datasheet HTML 1Page - YAGEO Corporation ANT5320LL14R1575A Datasheet HTML 2Page - YAGEO Corporation ANT5320LL14R1575A Datasheet HTML 3Page - YAGEO Corporation ANT5320LL14R1575A Datasheet HTML 4Page - YAGEO Corporation ANT5320LL14R1575A Datasheet HTML 5Page - YAGEO Corporation ANT5320LL14R1575A Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.yageo.com
Mar. 29, 2013 V0
WIRELESS COMPONENTS
2
2
Product specification
Ceramic Chip Antenna
FEATURES
Compact size
High radiation efficiency
Reflow process compatible
RoHS compliant
APPLICATIONS
Tablet
Navigation device
Telematics box
Fleet management
ORDERING INFORMATION
All part numbers are identified by the series, packing type, material, size,
antenna type, working frequency and packing quantity.
PART NUMBER
ANT 5320 L L14 R 1575A
(1)
(2)
(3)
(4)
(5)
(6)
(1) PRODUCT
ANT = Antenna
(2) SIZE
5320 = 5.3 × 2.0 mm
(3) ANTENNA TYPE
L,F,A = Chip Antenna
(4) SERIAL NO.
L14
(5) PACKING STYLE
R = Tape and Reel
(6) WORKING FREQUENCY
1575 = 1.575 GHz
PHYCOMP CTC
CAN4311753141582K
12NC
431175314158


Similar Part No. - ANT5320LL14R1575A

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANT5320LL14R1516A YAGEO-ANT5320LL14R1516A Datasheet
624Kb / 6P
   WIRELESS COMPONENTS
More results

Similar Description - ANT5320LL14R1575A

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANTX200P001B15163 YAGEO-ANTX200P001B15163 Datasheet
466Kb / 7P
   WIRELESS COMPONENTS
ANTX100P001B50003 YAGEO-ANTX100P001B50003 Datasheet
454Kb / 7P
   WIRELESS COMPONENTS
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
ANT8868LL00R1880A YAGEO-ANT8868LL00R1880A Datasheet
524Kb / 6P
   WIRELESS COMPONENTS
ANT1204F002R0315A YAGEO-ANT1204F002R0315A Datasheet
407Kb / 6P
   WIRELESS COMPONENTS
ANT1212B00DT1575S YAGEO-ANT1212B00DT1575S Datasheet
579Kb / 6P
   WIRELESS COMPONENTS
ANT3216LL15R1575A YAGEO-ANT3216LL15R1575A_17 Datasheet
478Kb / 6P
   WIRELESS COMPONENTS
ANT5010LL04R2400A YAGEO-ANT5010LL04R2400A Datasheet
492Kb / 6P
   WIRELESS COMPONENTS
ANTX100F113B24003 YAGEO-ANTX100F113B24003 Datasheet
511Kb / 6P
   WIRELESS COMPONENTS
ANT1515JB27B1575A YAGEO-ANT1515JB27B1575A Datasheet
365Kb / 5P
   WIRELESS COMPONENTS
ANT1204LL20R0433A YAGEO-ANT1204LL20R0433A Datasheet
813Kb / 6P
   WIRELESS COMPONENTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com