Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECGBL05CG Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # ECGBL05CG
Description  Low Capacitance TVS Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECGBL05CG Datasheet(HTML) 1 Page - E-CMOS Corporation

  ECGBL05CG Datasheet HTML 1Page - E-CMOS Corporation ECGBL05CG Datasheet HTML 2Page - E-CMOS Corporation ECGBL05CG Datasheet HTML 3Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Capacitance TVS Diode Array
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 3
4F13N-Rev. F001
ECGLBxxCG
Applications
Cell Phone Handsets and Accessories
Microprocessor based equipment
Personal Digital Assistants (PDA
’s)
Notebooks, Desktops, and Servers
Portable Instrumentation
Peripherals
USB Interface
IEC Compatibility
IEC61000-4-2 (ESD) ±30kV (air), ±30kV (contact) : 3.3 ~ 15V
IEC61000-4-2 (ESD) ±25kV (air), ±15kV (contact) : 24V
IEC61000-4-4 (EFT) 40A (5/50ηs)
Features
450 Watts Peak Pulse Power per Line (tp=8/20µs)
Protects one I/O line (bidirectional)
Low clamping voltage
◆ Working voltages: 3.3V, 5V, 8V, 12V, 15V, 24V
Low leakage current
Mechanical Characteristics
JEDEC SOD-323 Package
Molding Compound Flammability Rating : UL 94V-O
◆ Weight 5 Millgrams (Approximate)
Quantity Per Reel : 3,000pcs
Reel Size : 7 inch
Lead Finish : Lead Free


Similar Part No. - ECGBL05CG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECGB588 ETC-ECGB588 Datasheet
169Kb / 3P
   Diodes and Rectifiers (General Purpose)
ECGB687 ETC-ECGB687 Datasheet
169Kb / 3P
   Diodes and Rectifiers (General Purpose)
More results

Similar Description - ECGBL05CG

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com