Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC739435 Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # EC739435
Description  -30V,-5.3A P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC739435 Datasheet(HTML) 8 Page - E-CMOS Corporation

  EC739435 Datasheet HTML 1Page - E-CMOS Corporation EC739435 Datasheet HTML 2Page - E-CMOS Corporation EC739435 Datasheet HTML 3Page - E-CMOS Corporation EC739435 Datasheet HTML 4Page - E-CMOS Corporation EC739435 Datasheet HTML 5Page - E-CMOS Corporation EC739435 Datasheet HTML 6Page - E-CMOS Corporation EC739435 Datasheet HTML 7Page - E-CMOS Corporation EC739435 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
EC739435
-30V、
、-5.3A P-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 8 of 7
5D10N Rev.F003


Similar Part No. - EC739435

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC731020J7 E-CMOS-EC731020J7 Datasheet
369Kb / 6P
   100V , 60A N-Channel
EC731020J7F2R E-CMOS-EC731020J7F2R Datasheet
369Kb / 6P
   100V , 60A N-Channel
EC731030D E-CMOS-EC731030D Datasheet
429Kb / 7P
   100V , 45A N-Channel
EC731030DA4R E-CMOS-EC731030DA4R Datasheet
429Kb / 7P
   100V , 45A N-Channel
EC731N60E E-CMOS-EC731N60E Datasheet
196Kb / 4P
   600V N-Channel Power MOSFET
More results

Similar Description - EC739435

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H9435S HSMC-H9435S Datasheet
41Kb / 4P
   P-Channel Enhancement-Mode MOSFET (-30V, -5.3A)
logo
First Components Intern...
FMP05P30 FCI-FMP05P30 Datasheet
492Kb / 2P
   5.3A 30V P-Channel Enhancement-Mode MOSFET
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com