Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HCT245TTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HCT245TTR
Description  OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT245TTR Datasheet(HTML) 4 Page - STMicroelectronics

  M74HCT245TTR Datasheet HTML 1Page - STMicroelectronics M74HCT245TTR Datasheet HTML 2Page - STMicroelectronics M74HCT245TTR Datasheet HTML 3Page - STMicroelectronics M74HCT245TTR Datasheet HTML 4Page - STMicroelectronics M74HCT245TTR Datasheet HTML 5Page - STMicroelectronics M74HCT245TTR Datasheet HTML 6Page - STMicroelectronics M74HCT245TTR Datasheet HTML 7Page - STMicroelectronics M74HCT245TTR Datasheet HTML 8Page - STMicroelectronics M74HCT245TTR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M74HCT245
4/9
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per circuit)
TEST CIRCUIT
CL = 50pF/150pF or equivalent (includes jig and probe capacitance)
R1 = 1KΩ or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
DIR, G
5
101010
pF
CI/OUT
Output
Capacitance
An, Bn
13
pF
CPD
Power Dissipation
Capacitance (note
1)
41
pF
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VCC
tPZH, tPHZ
GND


Similar Part No. - M74HCT245TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT245 STMICROELECTRONICS-M74HCT245 Datasheet
264Kb / 11P
   OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
M74HCT245B1R STMICROELECTRONICS-M74HCT245B1R Datasheet
264Kb / 11P
   OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
M74HCT245C1R STMICROELECTRONICS-M74HCT245C1R Datasheet
264Kb / 11P
   OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
M74HCT245M1R STMICROELECTRONICS-M74HCT245M1R Datasheet
264Kb / 11P
   OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
More results

Similar Description - M74HCT245TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC245 STMICROELECTRONICS-74AC245 Datasheet
265Kb / 9P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HC245 STMICROELECTRONICS-M74HC245 Datasheet
181Kb / 10P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
July 2001
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
271Kb / 9P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
74AC245 STMICROELECTRONICS-74AC245 Datasheet
80Kb / 8P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS NON INVERTED
April 2001
logo
LG Semicon Co.,Ltd.
GD54LS245 LG-GD54LS245 Datasheet
142Kb / 3P
   OCTAL BUS TRANSCEIVER; NON-INVERTED 3-STATE OUTPUTS
logo
STMicroelectronics
M54HC245 STMICROELECTRONICS-M54HC245_04 Datasheet
164Kb / 10P
   RAD-HARD OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
M54HCT245 STMICROELECTRONICS-M54HCT245_04 Datasheet
234Kb / 10P
   RAD HARD OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com