Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29F102BB35K1F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29F102BB35K1F
Description  1 Mbit (64Kb x16, Boot Block) Single Supply Flash Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F102BB35K1F Datasheet(HTML) 1 Page - STMicroelectronics

  M29F102BB35K1F Datasheet HTML 1Page - STMicroelectronics M29F102BB35K1F Datasheet HTML 2Page - STMicroelectronics M29F102BB35K1F Datasheet HTML 3Page - STMicroelectronics M29F102BB35K1F Datasheet HTML 4Page - STMicroelectronics M29F102BB35K1F Datasheet HTML 5Page - STMicroelectronics M29F102BB35K1F Datasheet HTML 6Page - STMicroelectronics M29F102BB35K1F Datasheet HTML 7Page - STMicroelectronics M29F102BB35K1F Datasheet HTML 8Page - STMicroelectronics M29F102BB35K1F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
November 2004
M29F102BB
1 Mbit (64Kb x16, Boot Block) Single Supply Flash Memory
FEATURES SUMMARY
SINGLE 5V±10% SUPPLY VOLTAGE for
PROGRAM, ERASE and READ
OPERATIONS
ACCESS TIME: 35ns
PROGRAMMING TIME
8µs per Word typical
5 MEMORY BLOCKS
1 Boot Block (Bottom Location)
2 Parameter and 2 Main Blocks
PROGRAM/ERASE CONTROLLER
Embedded Word Program algorithm
Embedded Multi-Block/Chip Erase
algorithm
Status Register Polling and Toggle Bits
ERASE SUSPEND and RESUME MODES
Read and Program another Block during
Erase Suspend
UNLOCK BYPASS PROGRAM COMMAND
Faster Production/Batch Programming
TEMPORARY BLOCK UNPROTECTION
MODE
LOW POWER CONSUMPTION
Standby and Automatic Standby
100,000 PROGRAM/ERASE CYCLES per
BLOCK
M28F102 COMPATIBLE
Pin-out and Read Mode
20 YEARS DATA RETENTION
Defectivity below 1 ppm/year
ELECTRONIC SIGNATURE
Manufacturer Code: 0020h
Bottom Device Code M29F102BB: 0097h
PACKAGES
Compliant with Lead-Free Soldering
Processes
Lead-Free Versions
Figure 1. Package
TSOP40 (N)
10 x 14mm
PLCC44 (K)


Similar Part No. - M29F102BB35K1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F102BB35K1T STMICROELECTRONICS-M29F102BB35K1T Datasheet
126Kb / 20P
   1 Mbit 64Kb x16, Boot Block Single Supply Flash Memory
More results

Similar Description - M29F102BB35K1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F102BB STMICROELECTRONICS-M29F102BB Datasheet
126Kb / 20P
   1 Mbit 64Kb x16, Boot Block Single Supply Flash Memory
M29W102BT STMICROELECTRONICS-M29W102BT Datasheet
154Kb / 20P
   1 Mbit 64Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29F100T STMICROELECTRONICS-M29F100T Datasheet
207Kb / 30P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M29F100BT STMICROELECTRONICS-M29F100BT Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CT NUMONYX-M28W160CT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W160ECT STMICROELECTRONICS-M28W160ECT Datasheet
860Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CT STMICROELECTRONICS-M28W160CT Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com