Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF2045MG Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # GF2045MG
Description  20.0A SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

GF2045MG Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  GF2045MG Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd GF2045MG Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2

Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
GF2045MG
GF2045MG
Characteristics(Typical)
Number of Cycles
Fig.1: IF(AV)--Tc Derating
F
ig.2:Surge Forward Current Capadility
0
0
Ta(℃)
50
100
200
2.0
150
IN DC
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
TC measure point
1
0
2
10
20
100
60
120
180
240
360
300
8.3ms Single Half Since-Wave
JEDEC Method
Fig.3:Instantaneous Forward Voltage
F
ig.4:Typical Reverse Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
0.1
0.2
0.5
VF(V)
1.0
10
20
40
60
5.0
Ta=25℃
0
20
40
60
80
100
0.01
0.1
1.0
10
100
VRM(%)
Tj=100℃
Tj=25℃
Alldatasheet


Similar Part No. - GF2045MG

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
GF2045MG THINKISEMI-GF2045MG Datasheet
790Kb / 2P
   20.0 Ampere Surface Mount PhotoVoltaic Bypass Schottky Barrier Rectifier
logo
DIYI Electronic Technol...
GF2045MG DYELEC-GF2045MG Datasheet
1Mb / 4P
   20A Schottky Diodes
logo
RFE international
GF2045MG RFE-GF2045MG Datasheet
862Kb / 3P
   Schottky Diodes
21-APR-2023
More results

Similar Description - GF2045MG

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MBR2040CG ZSELEC-MBR2040CG Datasheet
283Kb / 2P
   20.0A SCHOTTKY BARRIER DIODE
MBRF2040CT ZSELEC-MBRF2040CT Datasheet
322Kb / 2P
   20.0A SCHOTTKY BARRIER DIODE
MBR2040DC ZSELEC-MBR2040DC Datasheet
147Kb / 2P
   20.0A SCHOTTKY BARRIER DIODE
MBR2040CD ZSELEC-MBR2040CD Datasheet
298Kb / 2P
   20.0A SCHOTTKY BARRIER DIODE
MBR2040CK ZSELEC-MBR2040CK Datasheet
286Kb / 2P
   20.0A SCHOTTKY BARRIER DIODE
MBR2040CP ZSELEC-MBR2040CP Datasheet
289Kb / 2P
   20.0A SCHOTTKY BARRIER DIODE
MBR20L40CT ZSELEC-MBR20L40CT Datasheet
237Kb / 2P
   20.0A SCHOTTKY BARRIER DIODE
MBR2040CT ZSELEC-MBR2040CT Datasheet
372Kb / 2P
   20.0A SCHOTTKY BARRIER DIODE
SB2040DC ZSELEC-SB2040DC Datasheet
147Kb / 2P
   20.0A SCHOTTKY BARRIER DIODE
logo
Microdiode Electronics ...
SB2045L CHENDA-SB2045L Datasheet
3Mb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com