Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0455780001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0455780001
Description  2.50mm Pitch SPOX BMI Header Assembly, Dual Row, Vertical, 6 Circuits, 2.57mm PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0455780001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0455780001_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0455780001_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/19/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0455780001
Status:
Active
Overview:
SPOX™ BMI Connector System
Description:
2.50mm Pitch SPOX BMI Header Assembly, Dual Row, Vertical, 6 Circuits, 2.57mm PC
Tail
Documents:
3D Model
Product Specification PS-45579-001-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
45578
Application
Signal, Wire-to-Board
Overview
SPOX™ BMI Connector System
Product Name
SPOX BMI
UPC
822348068968
Physical
Breakaway
No
Circuits (Loaded)
6
Circuits (maximum)
6
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Net Weight
1.358/g
Number of Rows
2
Orientation
Vertical
PC Tail Length
2.57mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness - Recommended
1.80mm
Packaging Type
Bag
Pitch - Mating Interface
2.50mm
Plating min - Mating
2.540µm
Plating min - Termination
2.540µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3.0A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
040
Lead-freeProcess Capability
SMC&WAVE
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
45578 Series
Mates With
45579


Similar Part No. - 0455780001_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0455780002 MOLEX1-0455780002_17 Datasheet
30Kb / 2P
   2.50mm Pitch SPOX BMI Header Assembly, Dual Row, Vertical, 6 Circuits, 2.76mm PC Tall
More results

Similar Description - 0455780001_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0455780002 MOLEX1-0455780002_17 Datasheet
30Kb / 2P
   2.50mm Pitch SPOX BMI Header Assembly, Dual Row, Vertical, 6 Circuits, 2.76mm PC Tall
0465111000 MOLEX1-0465111000_17 Datasheet
30Kb / 2P
   2.50mm Pitch SPOX BMI Header Assembly, Single Row, Vertical, 6 Circuits
1710561000 MOLEX1-1710561000_17 Datasheet
37Kb / 2P
   2.50mm Pitch SPOX BMI Header Assembly, Single Row, Vertical, 6 Circuits, 2.76mm PC Tail
0465111000 MOLEX6-0465111000 Datasheet
118Kb / 3P
   2.50mm (.098") Pitch SPOX??BMI Header Assembly, Single Row, Vertical, 6 Circuits
0456080012 MOLEX1-0456080012_17 Datasheet
34Kb / 2P
   2.50mm Pitch SPOX BMI Header Assembly, Dual Row, Right Angle, 12 Circuits
0456080001 MOLEX1-0456080001_17 Datasheet
34Kb / 2P
   2.50mm Pitch SPOX BMI Header Assembly, Dual Row, Right Angle, 16 Circuits
0467813100 MOLEX1-0467813100_17 Datasheet
34Kb / 2P
   2.50mm Pitch Surface Mount SPOX BMI Header Assembly, Single Row, Vertical, 7 Circuits
0467817720 MOLEX1-0467817720_17 Datasheet
33Kb / 2P
   2.50mm Pitch Surface Mount SPOX BMI Header Assembly, Single Row, Vertical, 7 Circuits
0465280001 MOLEX6-0465280001 Datasheet
177Kb / 3P
   2.50mm (.098") Pitch SPOX BMI Receptacle Housing, Single Row, Vertical,6 Circuits
0456260001 MOLEX1-0456260001_17 Datasheet
32Kb / 1P
   2.50mm Pitch SPOX BMI Plug Housing, Dual Row, Panel Mount, 6 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com