Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4211IMS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4211IMS8
Description  Hot Swap Controller with Multifunction Current Control
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211IMS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC4211IMS8 Datasheet HTML 1Page - Linear Technology LTC4211IMS8 Datasheet HTML 2Page - Linear Technology LTC4211IMS8 Datasheet HTML 3Page - Linear Technology LTC4211IMS8 Datasheet HTML 4Page - Linear Technology LTC4211IMS8 Datasheet HTML 5Page - Linear Technology LTC4211IMS8 Datasheet HTML 6Page - Linear Technology LTC4211IMS8 Datasheet HTML 7Page - Linear Technology LTC4211IMS8 Datasheet HTML 8Page - Linear Technology LTC4211IMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
LTC4211
4211f
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Supply Current vs Temperature
Undervoltage Lockout Threshold
vs Temperature
SUPPLY VOLTAGE (V)
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
16
4211 G01
4
8
12
20
14
2
6
10
18
TA = 25°C
TEMPERATURE (
°C)
–75
2.0
2.5
3.0
125
4211 G02
1.5
1.0
0
–25
25
75
–50
150
0
50
100
0.5
4.0
3.5
VCC = 15V
VCC = 12V
VCC = 5V
VCC = 3V
TEMPERATURE (
°C)
–75
2.0
2.1
2.3
2.4
2.5
–25
25
50
150
4211 G03
2.2
–50
0
75 100 125
FALLING EDGE
RISING EDGE
ON Pin Threshold
vs Supply Voltage
ON Pin Threshold
vs Temperature
GATE Voltage vs Supply Voltage
SUPPLY VOLTAGE (V)
1.10
1.20
1.30
1.40
1.15
1.25
1.35
4
8
12
16
4211 G04
20
2
0
6
10
14
18
TA = 25°C
HIGH THRESHOLD
LOW THRESHOLD
TEMPERATURE (
°C)
–75
1.10
1.15
1.25
1.30
1.35
–25
25
50
150
4211 G05
1.20
–50
0
75 100 125
1.40
VCC = 5V
HIGH THRESHOLD
LOW THRESHOLD
SUPPLY VOLTAGE (V)
0
10
20
30
5
15
25
4
8
12
16
4211 G06
20
2
0
6
10
14
18
TA = 25°C
GATE Voltage vs Temperature
VGATE – VCC vs Supply Voltage
VGATE – VCC vs Temperature
TEMPERATURE (
°C)
–75
0
5
15
20
25
–25
25
50
150
4211 G07
10
–50
0
75 100 125
30
VCC = 15V
VCC = 12V
VCC = 5V
VCC = 3V
SUPPLY VOLTAGE (V)
0
0
2
6
8
10
12 14 16 18
18
4211 G08
4
2
4
6
8
10
20
12
14
16
TA = 25°C
TEMPERATURE (
°C)
–75
0
2
6
8
10
75
18
4211 G09
4
0
150
25
–50
100
50
–25
125
12
14
16
VCC = 12V
VCC = 15V
VCC = 5V
VCC = 3V


Similar Part No. - LTC4211IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4211 LINER-LTC4211 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4211 LINER-LTC4211 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC4211 LINER-LTC4211 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4211 LINER-LTC4211 Datasheet
341Kb / 24P
   Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4211 LINER-LTC4211 Datasheet
678Kb / 20P
   20A Guaranteed SOA Hot Swap Controller
More results

Similar Description - LTC4211IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4211 LINER-LTC4211_15 Datasheet
326Kb / 40P
   Hot Swap Controller with Multifunction Current Control
LTC4230 LINER-LTC4230 Datasheet
390Kb / 36P
   Triple Hot Swap Controller with Multifunction Current Control
LTC4230 LINER-LTC4230_15 Datasheet
389Kb / 36P
   Triple Hot Swap Controller with Multifunction Current Control
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
logo
Texas Instruments
LM5067 TI1-LM5067 Datasheet
2Mb / 35P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com