Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4211 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4211
Description  Hot Swap Controller with Multifunction Current Control
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4211 Datasheet HTML 3Page - Linear Technology LTC4211 Datasheet HTML 4Page - Linear Technology LTC4211 Datasheet HTML 5Page - Linear Technology LTC4211 Datasheet HTML 6Page - Linear Technology LTC4211 Datasheet HTML 7Page - Linear Technology LTC4211 Datasheet HTML 8Page - Linear Technology LTC4211 Datasheet HTML 9Page - Linear Technology LTC4211 Datasheet HTML 10Page - Linear Technology LTC4211 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
LTC4211
4211f
TYPICAL PERFOR A CE CHARACTERISTICS
TIMER Pull-Up Current
vs Supply Voltage
TIMER Pull-Down Current
vs Supply Voltage
TIMER Pull-Down Current
vs Temperature
VOL vs Supply Voltage
VCB (SLOW COMP)
vs Supply Voltage
VCB (SLOW COMP)
vs Temperature
VCB (FAST COMP)
vs Supply Voltage
TIMER Pull-Up Current
vs Temperature
VOL vs Temperature
SUPPLY VOLTAGE (V)
1.70
1.90
2.10
2.30
1.80
2.00
2.20
4
8
12
16
4211 G28
20
2
0
6
10
14
18
TA = 25°C
TEMPERATURE (
°C)
–75
1.7
1.8
2.0
2.1
2.2
–25
25
50
150
4211 G29
1.9
–50
0
75 100 125
2.3
VCC = 5V
SUPPLY VOLTAGE (V)
0
2
4
6
1
3
5
4
8
12
16
4211 G30
20
2
0
6
10
14
18
TA = 25°C
TEMPERATURE (
°C)
–75
0
1
3
4
5
–25
25
50
150
4211 G31
2
–50
0
75 100 125
6
VCC = 5V
SUPPLY VOLTAGE (V)
0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
16
4211 G32
4
8
12
20
14
2
6
10
18
TA = 25°C
RESET OR FAULT
IOL = 5mA
IOL = 1mA
TEMPERATURE (
°C)
–75
0.8
1.0
1.2
125
4211 G33
0.6
0.4
0
–25
25
75
–50
150
0
50
100
0.2
1.6
1.4
VCC = 5V
RESET OR FAULT
IOL = 5mA
IOL = 1mA
SUPPLY VOLTAGE (V)
0
52
56
60
16
4211 G34
48
44
50
54
58
46
42
40
4
2
8
6
12 14
18
10
20
TA = 25°C
TEMPERATURE (
°C)
–75
40
42
46
48
50
60
54
–25
25
50
150
4211 G35
44
56
58
52
–50
0
75 100 125
VCC = 5V
SUPPLY VOLTAGE (V)
0
170
165
160
155
150
145
140
135
130
16
4211 G36
4
8
12
20
14
2
6
10
18
TA = 25°C


Similar Part No. - LTC4211

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4211 LINER-LTC4211 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4211 LINER-LTC4211 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC4211 LINER-LTC4211 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4211 LINER-LTC4211 Datasheet
341Kb / 24P
   Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4211 LINER-LTC4211 Datasheet
678Kb / 20P
   20A Guaranteed SOA Hot Swap Controller
More results

Similar Description - LTC4211

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4211 LINER-LTC4211_15 Datasheet
326Kb / 40P
   Hot Swap Controller with Multifunction Current Control
LTC4230 LINER-LTC4230 Datasheet
390Kb / 36P
   Triple Hot Swap Controller with Multifunction Current Control
LTC4230 LINER-LTC4230_15 Datasheet
389Kb / 36P
   Triple Hot Swap Controller with Multifunction Current Control
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
logo
Texas Instruments
LM5067 TI1-LM5067 Datasheet
2Mb / 35P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com