Electronic Components Datasheet Search |
|
LTC4211 Datasheet(PDF) 9 Page - Linear Technology |
|
LTC4211 Datasheet(HTML) 9 Page - Linear Technology |
9 / 36 page 9 LTC4211 4211f TYPICAL PERFOR A CE CHARACTERISTICS FAULT Pin Low to GATE Discharging Time vs Supply Voltage FAULT Threshold Voltage vs Supply Voltage FAULT Threshold Voltage vs Temperature FAULT Pin Low to GATE Discharging Time vs Temperature Turn Off Time vs Supply Voltage Turn Off Time vs Temperature GATE Overvoltage Lockout Threshold vs Supply Voltage GATE Overvoltage Lockout Threshold vs Temperature SUPPLY VOLTAGE (V) 1.5 2.5 3.5 4.5 2.0 3.0 4.0 4 8 12 16 4211 G46 20 2 0 6 10 14 18 TA = 25°C TEMPERATURE ( °C) –75 1.5 2.0 3.0 3.5 4.0 –25 25 50 150 4211 G47 2.5 –50 0 75 100 125 4.5 VCC = 5V SUPPLY VOLTAGE (V) 0 1.50 1.45 1.40 1.35 1.30 1.25 1.20 1.15 1.10 16 4211 G48 4 8 12 20 14 2 6 10 18 TA = 25°C HIGH THRESHOLD LOW THRESHOLD TEMPERATURE ( °C) –75 1.30 1.35 1.40 125 4211 G49 1.25 1.20 1.10 –25 25 75 – 50 150 0 50 100 1.15 1.50 1.45 VCC = 5V HIGH THRESHOLD LOW THRESHOLD SUPPLY VOLTAGE (V) 5 7 9 11 6 8 10 4 8 12 16 4211 G50 20 2 0 6 10 14 18 TA = 25°C TEMPERATURE ( °C) –75 5 6 8 9 10 –25 25 50 150 4211 G51 7 –50 0 75 100 125 11 VCC = 5V SUPPLY VOLTAGE (V) 0 0.3 0.4 0.5 16 4211 G52 0.2 0.1 0 4 8 12 218 6 10 14 20 TA = 25°C TEMPERATURE ( °C) –75 0 0.1 0.3 0.4 0.5 –25 25 50 150 4211 G53 0.2 –50 0 75 100 125 VCC = 5V |
Similar Part No. - LTC4211 |
|
Similar Description - LTC4211 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |