Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3901EGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3901EGN
Description  Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3901EGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3901EGN Datasheet HTML 2Page - Linear Technology LTC3901EGN Datasheet HTML 3Page - Linear Technology LTC3901EGN Datasheet HTML 4Page - Linear Technology LTC3901EGN Datasheet HTML 5Page - Linear Technology LTC3901EGN Datasheet HTML 6Page - Linear Technology LTC3901EGN Datasheet HTML 7Page - Linear Technology LTC3901EGN Datasheet HTML 8Page - Linear Technology LTC3901EGN Datasheet HTML 9Page - Linear Technology LTC3901EGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3901
6
3901f
BLOCK DIAGRA
APPLICATIO S I FOR ATIO
Figure 2. Push-Pull Converter Switching Waveforms
SYNC
AND
DRIVER
LOGIC
ISE
S–
S+
SYNC+
SYNC
TMR
–1.4V
+1.4V
DISABLE
DRIVER
UVLO
ZTMR
0.5 • VCC
ZCSE
11V
7
5
6
9
3
16
SYNC
CSE+
CSE
ISF
ZCSF
11V
12
11
CSF+
CSF
TIMER
MTMR
R1
180k
R2
45k
TIMER
RESET
ME
PGND
GND GND
MF
PGND
VCC
1
PVCC
14
4
13
10
8
3901 BD
+
+
10.5mV
10.5mV
DRVA
DRVB
SDRA
SDRB
SYNC
ME
3901 F02
MF
0V
Overview
Push-pull and full bridge converters use power transform-
ers to provide input-to-output isolation and voltage step-
up/down. Diodes are used as a simple solution for second-
ary side rectification. Unfortunately, as output currents
increase, the loss associated with diode forward voltage
drop results in low overall efficiency. The LTC3901 over-
comes this problem by providing control and drive for two
external N-channel synchronous MOSFETs. Synchroniza-
tion to the primary side controller is maintained through a
small signal transformer.
Figure 1 shows a simplified push-pull converter applica-
tion. T1 is the power transformer; MA and MB are the
primary side power transistors driven by the LTC3723
controller’s DRVA and DRVB outputs. The gate drive
transformer T2 is driven by the LTC3723’s SDRA and
SDRB outputs and provides the synchronization signal to
the LTC3901 on the secondary side. When both SDRA and
SDRB are high, there is no voltage across the transformer’s
primary and the LTC3901 SYNC input is approximately 0V.
According to the polarity of the transformer: if SDRA goes
low while SDRB is high, SYNC is positive; if SDRB goes
low while SDRA is high, SYNC is negative. ME and MF are
the secondary side synchronous switches driven by the
LTC3901’s ME and MF output. Inductor L1 and capacitor
COUT form the output filter, providing DC output voltage to
the load. The feedback path from VOUT through the opto-
coupler driver and optocoupler back to the primary side
controller is also shown in Figure 1.
Each full cycle of the push-pull converter consists of four
distinct periods. Figure 2 shows the push-pull converter
waveforms.


Similar Part No. - LTC3901EGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3901 LINER-LTC3901 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3901 LINER-LTC3901 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
LTC3901 LINER-LTC3901_15 Datasheet
239Kb / 16P
   Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
More results

Similar Description - LTC3901EGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3901 LINER-LTC3901_15 Datasheet
239Kb / 16P
   Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
logo
Maxim Integrated Produc...
MAX17606 MAXIM-MAX17606 Datasheet
507Kb / 12P
   Secondary-Side Synchronous MOSFET Driver for Flyback Converters
Rev 0; 10/15
logo
ON Semiconductor
FAN6250M6X ONSEMI-FAN6250M6X Datasheet
156Kb / 9P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
October, 2018 ??Rev. 0
FAN6292CMX ONSEMI-FAN6292CMX Datasheet
235Kb / 14P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
February, 2019 ??Rev. 1
FAN6241M6X ONSEMI-FAN6241M6X Datasheet
561Kb / 11P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
March, 2020 ??Rev. 1
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
   Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
ON Semiconductor
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
STMicroelectronics
L293C STMICROELECTRONICS-L293C Datasheet
74Kb / 5P
   PUSH-BRIDGE DRIVER PUSH-PULL FOUR CHANNEL/DUAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com