Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6231IS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6231IS8
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6231IS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6231IS8 Datasheet HTML 4Page - Linear Technology LT6231IS8 Datasheet HTML 5Page - Linear Technology LT6231IS8 Datasheet HTML 6Page - Linear Technology LT6231IS8 Datasheet HTML 7Page - Linear Technology LT6231IS8 Datasheet HTML 8Page - Linear Technology LT6231IS8 Datasheet HTML 9Page - Linear Technology LT6231IS8 Datasheet HTML 10Page - Linear Technology LT6231IS8 Datasheet HTML 11Page - Linear Technology LT6231IS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT6230/LT6230-10/
LT6231/LT6232
8
sn623012 623012fas
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6230S6, LT6230S6-10
q
600
µV
LT6231S8, LT6232GN
q
450
µV
LT6231DD
q
550
µV
Input Offset Voltage Match
q
800
µV
(Channel-to-Channel) (Note 6)
VOS TC
Input Offset Voltage Drift (Note 10)
q
0.5
3
µV/°C
IB
Input Bias Current
q
11
µA
IB Match (Channel-to-Channel) (Note 6)
q
1
µA
IOS
Input Offset Current
q
0.7
µA
AVOL
Large-Signal Gain
VO = ±4.5V, RL = 10k
q
100
V/mV
RL = 1k
q
27
V/mV
VO = ±2V, RL = 100Ω
q
6V/mV
VCM
Input Voltage Range
Guaranteed by CMRR
q
–3
4
V
CMRR
Common Mode Rejection Ratio
VCM = –3V to 4V
q
95
dB
CMRR Match (Channel-to-Channel) (Note 6)
VCM = –3V to 4V
q
89
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±5V
q
85
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = ±1.5V to ±5V
q
79
dB
VOL
Output Voltage Swing LOW (Note 8)
No Load
q
50
mV
ISINK = 5mA
q
200
mV
ISINK = 20mA
q
500
mV
VOH
Output Voltage Swing HIGH (Note 8)
No Load
q
60
mV
ISOURCE = 5mA
q
215
mV
ISOURCE = 20mA
q
650
mV
ISC
Short-Circuit Current
q
±25
mA
IS
Supply Current per Amplifier
q
4.6
mA
Disabled Supply Current per Amplifier
ENABLE = 4.75V
q
1
µA
IENABLE
ENABLE Pin Current
ENABLE = 0.3V
q
–95
µA
VL
ENABLE Pin Input Voltage LOW
q
0.3
V
VH
ENABLE Pin Input Voltage HIGH
q
4.75
V
Output Leakage Current
ENABLE = 4.75V, VO = ±1V
q
1
µA
tON
Turn-On Time
ENABLE = 5V to 0V, RL = 1k
q
300
ns
tOFF
Turn-Off Time
ENABLE = 0V to 5V, RL = 1k
q
85
µs
SR
Slew Rate
AV = –1, RL = 1k, VO = –2V to 2V
q
44
V/
µs
LT6230-10, AV = –10, RL = 1k, VO = –2V to 2V
q
315
V/
µs
FPBW
Full Power Bandwidth
VOUT = 3VP-P (Note 9)
q
4.66
MHz
LT6230, LT6231, LT6232
The q denotes the specifications which apply over 0
°C < TA < 70°C
temperature range. VS = ±5V, VCM = VOUT = 0V, ENABLE = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT6231IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6231 LINER-LT6231 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6231 LINER-LT6231 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LT6231 LINER-LT6231 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LT6231 LINER-LT6231 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LT6231 LINER-LT6231 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LT6231IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6238 LINER-LT6238_15 Datasheet
1Mb / 26P
   Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6237 LINER-LT6237_15 Datasheet
1Mb / 26P
   Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6236 LINER-LT6236_15 Datasheet
1Mb / 26P
   Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6236 LINER-LT6236 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LT6233 LINER-LT6233 Datasheet
727Kb / 24P
   60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
LT6230-10 LINER-LT6230-10_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6231 LINER-LT6231_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6232 LINER-LT6232_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6230 LINER-LT6230_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6200 LINER-LT6200_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com