Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

31-10T-D2 Datasheet(PDF) 1 Page - DDK Ltd.

Part # 31-10T-D2
Description  BNC (Isolated) Style Connector (Panel Mounting Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

31-10T-D2 Datasheet(HTML) 1 Page - DDK Ltd.

  31-10T-D2 Datasheet HTML 1Page - DDK Ltd. 31-10T-D2 Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
BNC(Isolated)StyleConnector(PanelMountingType)
31 Series
170724
Conputer, Communication and Medical equipments
◆ Panel mounting type BNC style receptacle connector.
◆ The outer conductor and mounting panel are isolated.
◆ The ground contact is installed along the outer conductor and united with insulator adjacent to
the contact.
JIS-C-5412, MIL-PRF-39012
APPLICATIONS
RoHS
Compliant
RoHS
Compliant
Item
Material / Finish
Contact(Female)
Copper Alloy / Ag or Au Plating
Outer Condyctor Zinc Alloy Diecast / Ni Plating
Insulator
PPO Resin (UL94V-0)/ White
Characteristic Impedance
Unmatched
Rated Voltage
500VAC(r.m.s.)
Dielectric Withstand Voltage
1500V AC(r.m.s.) for1 minute
Insulation Resistance
5000M Ω Mim. at 500V DC
Contact Resistance
5m Ω max.
Operating Temperature
-45 〜 +120℃
SPECIFICATIONS
* The specifications are typical but may not apply to all connectors. Please check  
the specifications on each item with its drawing from us when you use.
MATERIAL/FINISH
FEATURES
CONFORMING STANDARD


Similar Part No. - 31-10T-D2

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
31-10T DDK-31-10T Datasheet
120Kb / 2P
   BNC (Isolated) Receptacle Connectors Commercial Type
More results

Similar Description - 31-10T-D2

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
31 DDK-31 Datasheet
399Kb / 2P
   BNC (Isolated) Style Connector (Panel Mounting Type)
BNC-LFRD-BPAA-FA DDK-BNC-LFRD-BPAA-FA Datasheet
711Kb / 4P
   BNC Isolated Receptacle(PCB Mounting)
BNC-RD DDK-BNC-RD Datasheet
234Kb / 4P
   BNC Isolated Receptacle(PCB Mounting)
logo
Winchester Electronics ...
SDKC-79-125 WINCHESTER-SDKC-79-125 Datasheet
53Kb / 1P
   RECEPTACLE, PANEL, ISOLATED GROUND, BNC
logo
DDK Ltd.
BNC-P-3-CF DDK-BNC-P-3-CF Datasheet
435Kb / 15P
   BNC Style Connector
logo
Ohmite Mfg. Co.
OMT610BN OHMITE-OMT610BN Datasheet
56Kb / 1P
   Panel Mounting Type
logo
Pomona Electronics
6705 POMONA-6705 Datasheet
35Kb / 1P
   Isolated BNC F/F Panel Connector for HDTV
logo
Neutrik AG
NBNB75ILP9 NEUTRIK-NBNB75ILP9 Datasheet
58Kb / 3P
   BNC cable jack for panel mount, isolated
NBTB75INN5 NEUTRIK-NBTB75INN5 Datasheet
58Kb / 3P
   BNC cable jack for panel mount, isolated
NBNB75IUU11 NEUTRIK-NBNB75IUU11 Datasheet
58Kb / 3P
   BNC cable jack for panel mount, isolated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com