Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PME271M660K Datasheet(PDF) 1 Page - Kemet Corporation

Part # PME271M660K
Description  EMI suppressor, classes X1, X2 and Y2, metallized paper
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PME271M660K Datasheet(HTML) 1 Page - Kemet Corporation

  PME271M660K Datasheet HTML 1Page - Kemet Corporation PME271M660K Datasheet HTML 2Page - Kemet Corporation PME271M660K Datasheet HTML 3Page - Kemet Corporation PME271M660K Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
120
X2
X1
Y2
Y2
PME271M
PME271E
PME271Y
PME271YA-E
275
300
250
300
0.001–0.6
0.01–0.22
0.001–0.1
0.001–0.15
–40/+110
–40/+110
–40/+100
–40/+115
40/110/56/B 40/110/56/B 40/100/56/B 40/115/56/B
± 10% for C > 0.1 µF, code K. ± 20% for C
≤ 0.1 µF, code M
S, N, D, FI, VDE, SEV, IMQ, UL, CSA
≤ 1.3 % at 1 kHz
C
≤ 0.33 µF ≥ 12000 MΩ
C > 0.33 µF
≥ 4000 s
Measured at 500 VDC after 60 s, +23°C
Recommended voltage:
PME271 M, E
≤ 630 VDC
PME271 Y
≤ 1000 VDC
Tabulated self-resonance frequencies f
0 refer to 5 mm
lead lengths.
The 100% screening factory test is carried out at:
2150 VDC: PME271M and PME271E.
2700 VDC: PME271Y. The voltage level is selected to meet
the requirements in applicable equipment standards. All
electrical characteristics are checked after the test.
PME271
• EMI suppressor, classes X1, X2 and Y2, metallized paper
TYPICAL APPLICATIONS
CONSTRUCTION
TECHNICAL DATA
The capacitors are intended for use as
interference suppressors in X1, X2 (across-
the-line) and Y2 (line-to-earth) applications.
Multi-layer metallized paper. Encapsulated
and impregnated in self-extinguishing material
meeting the requirements of UL 94V-0.
Rated voltage VAC, 50/60Hz
Capacitance range µF
Temperature range °C
Climatic category IEC
Capacitance tolerance
Approvals
Dissipation factor
Insulation resistance
In DC applications
Resonance frequency
Test voltage between
terminals
ENVIRONMENTAL TEST DATA
Vibration
IEC 68-2-6, Test Fc
3 directions at 2 hour each,
No visible damage, No open or short circuit
10 – 500 Hz at 0.75 mm or 98 m/s2
Bump
IEC 68-2-29, Test Eb
4000 bumps at 390 m/s2
No visible damage, No open or short circuit
Solderability
IEC 68-2-20, Test Ta
Solder globule method
Wetting time
for d
≤ 0.8 < 1 s
for d > 0.8 < 1.5 s
Active flammability
EN 132400
Passive flammability IEC 384-14 (1993), EN 132400
Humidity
IEC 68-2-3, Test Ca
+40°C and 90 – 95% R.H.
56 days
• The highest possible safety regarding
active and passive flammability.
• Self-extinguishing UL 94V-0 encapsulation
material.
• Excellent self-healing properties. Ensures
long life even when subjected to
frequent overvoltages.
• Good resistance to ionisation due to
impregnated dielectric.
• High dU/dt capability.
• Small dimensions.
• Safety approvals for worldwide use.
• The capacitors meet the most stringent
IEC humidity class, 56 days.
• The impregnated paper ensures
excellent stability giving outstanding
reliability properties, especially in
applications having continuous
operation.


Similar Part No. - PME271M660K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME271M660KR30 ETC2-PME271M660KR30 Datasheet
55Kb / 3P
   EMI suppressor, classes X1 and X2, metallized paper
logo
Kemet Corporation
PME271M660KR30 KEMET-PME271M660KR30 Datasheet
53Kb / 1P
   Capacitor, film, 0.6 uF, /-10% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=25.4 mm
More results

Similar Description - PME271M660K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME290 ETC-PME290 Datasheet
49Kb / 2P
   EMI suppressor, classes X1 and Y2, metallized paper
PME271M ETC2-PME271M Datasheet
55Kb / 3P
   EMI suppressor, classes X1 and X2, metallized paper
PZB300 ETC1-PZB300 Datasheet
52Kb / 2P
   Delta EMI suppressor, classes X2 and Y2, metallized paper
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
logo
Kemet Corporation
PME271Y KEMET-PME271Y Datasheet
168Kb / 2P
   EMI suppressor, class Y2, metallized paper
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
SMP253 ETC-SMP253 Datasheet
47Kb / 2P
   EMI suppressor, class Y2, metallized paper SMD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com